Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB2X4D Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PUSB2X4D
Description  ESD protection for high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB2X4D Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PUSB2X4D Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PUSB2X4D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 5 November 2013
3 of 11
NXP Semiconductors
PUSB2X4D
ESD protection for high-speed interfaces
6.
Characteristics
[1]
This parameter is guaranteed by design.
[2]
According to IEC 61000-4-5 (8/20
s current waveform).
[3]
100 ns Transmission Line Pulse (TLP); 50
; pulser at 80 ns.
Table 5.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBR
breakdown voltage
II = 1 mA
6-
9V
IRM
reverse leakage current
per channel; VI = 5 V
--1
A
VF
forward voltage
II = 1 mA
-0.7
-V
Cline
line capacitance
f = 1 MHz
[1]
VI =0 V
-
0.7
0.85
pF
VI =2.5 V
-
0.6
0.75
pF
C
line
line capacitance
difference
f=1MHz; VI =2.5 V
[1] --0.1
pF
rdyn
dynamic resistance
surge
[2]
positive transient
-
0.41
-
negative transient
-
0.34
-
TLP
[3]
positive transient
-
0.48
-
negative transient
-
0.34
-
VCL
clamping voltage
positive transient
[2]
IPP =4.8 A
-
4.3
-
V
negative transient
IPP = 5.2 A
-
2.7
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com