Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB2X4Y Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PUSB2X4Y
Description  ESD protection for high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB2X4Y Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PUSB2X4Y Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PUSB2X4Y
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. — 5 November 2013
5 of 11
NXP Semiconductors
PUSB2X4Y
ESD protection for high-speed interfaces
The device uses an advanced clamping structure, which shows a negative dynamic
resistance. This snap-back behavior strongly reduces the clamping voltage to the system
behind the ESD protection during an ESD event. Do not connect unlimited DC current
sources to the data lines to avoid keeping the ESD protection device in snap-back state
after exceeding breakdown voltage (due to an ESD pulse for instance).
IEC 61000-4-5; tp =8/20 s; positive pulse
IEC 61000-4-5; tp =8/20 s; negative pulse
Fig 4.
Dynamic resistance with positive clamping;
typical values
Fig 5.
Dynamic resistance with negative clamping,
typical values
tp = 100 ns; Transmission Line Pulse (TLP)
tp = 100 ns; Transmission Line Pulse (TLP)
Fig 6.
Dynamic resistance with positive clamping,
typical values
Fig 7.
Dynamic resistance with negative clamping;
typical values
aaa-009786
VCL (V)
05
3
2
2
3
1
4
5
IPP
(A)
0
VCL (V)
-2.5
0
-0.5
-1.5
-1.0
-2.0
aaa-009787
-4
-2
0
IPP
(A)
-6
aaa-009788
VCL (V)
012
8
4
6
9
3
12
15
I
(A)
0
aaa-009789
VCL (V)
-6
0
-2
-4
-9
-6
-12
-3
0
I
(A)
-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com