Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB2X4Y Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PUSB2X4Y
Description  ESD protection for high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB2X4Y Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PUSB2X4Y Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB2X4Y Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1.
Product profile
1.1 General description
The device is designed to protect high-speed interfaces such as USB 2.0 ports against
ElectroStatic Discharge (ESD).
The device includes four high-level ESD protection diode structures for high-speed signal
lines. It is encapsulated in a very small SOT363 (SC-88) Surface-Mounted Device (SMD)
plastic package.
All signal lines are protected by a special diode configuration offering ultra low line
capacitance of 0.85 pF maximum. This configuration provides protection to downstream
components from ESD voltages up to
12 kV contact according to IEC 61000-4-2, level 4.
1.2 Features and benefits
System ESD protection for USB 2.0
All signal lines with integrated rail-to-rail clamping diodes for downstream
ESD protection of
12 kV according to IEC 61000-4-2, level 4
Line capacitance of 0.85 pF maximum for each channel
1.3 Applications
The device is designed for receiver and transmitter port protection in:
Portable devices
TVs, monitors
DVD recorders and players
Notebooks, mother boards, graphic cards and ports
Set-top boxes and game consoles
PUSB2X4Y
ESD protection for high-speed interfaces
Rev. 1 — 5 November 2013
Product data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com