Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3AB6 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PUSB3AB6
Description  ESD protection for ultra high-speed interfaces
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3AB6 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PUSB3AB6 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PUSB3AB6
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2015
6 of 12
NXP Semiconductors
PUSB3AB6
ESD protection for ultra high-speed interfaces
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snapback behavior strongly reduces the clamping voltage to the system behind the
ESD protection during an ESD event. Do not connect unlimited DC current sources to the
data lines to avoid keeping the ESD protection device in snapback state after exceeding
breakdown voltage (due to an ESD pulse for instance).
tp = 100 ns; Transmission Line Pulse (TLP)
tp = 100 ns; Transmission Line Pulse (TLP)
Fig 6.
Dynamic resistance with positive clamping;
typical values
Fig 7.
Dynamic resistance with negative clamping;
typical values
tp = 5 ns; Very-Fast Transmission-Line Pulse (VF-TLP)
tp = 5 ns; Very-Fast Transmission-Line Pulse (VF-TLP)
Fig 8.
Dynamic resistance with positive clamping;
typical values
Fig 9.
Dynamic resistance with negative clamping;
typical values
VCL (V)
025
20
10
15
5
aaa-016902
10
15
5
20
25
IPP
(A)
0
VCL (V)
-25
0
-5
-15
-10
-20
aaa-016903
-15
-10
-20
-5
0
IPP
(A)
-25
VCL (V)
025
20
10
15
5
aaa-016904
10
15
5
20
25
IPP
(A)
0
VCL (V)
-25
0
-5
-15
-10
-20
aaa-016905
-15
-10
-20
-5
0
IPP
(A)
-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com