Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3AB6 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PUSB3AB6
Description  ESD protection for ultra high-speed interfaces
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3AB6 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PUSB3AB6 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3AB6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1.
Product profile
1.1 General description
The device is designed to protect high-speed interfaces such as SuperSpeed and
Hi-Speed USB combination, Secure Digital (SD) card 3.0 and Thunderbolt interfaces
against ElectroStatic Discharge (ESD).
The device includes six high-level ESD protection diode structures. They protect sensitive
transmitters and receivers for ultra high-speed signal lines. The device is encapsulated in
a leadless ultra small DFN2111-7 (SOT1358-1) Surface-Mounted Device (SMD) plastic
package.
All signal lines are protected by a special diode configuration offering snapback ultra low
line capacitance of only 0.15 pF. These diodes utilize a snapback structure in order to
provide protection to downstream components from ESD voltages up to
15 kV contact
exceeding IEC 61000-4-2, level 4.
1.2 Features and benefits
System-level ESD protection for USB 2.0 and USB 3.1 combination, SD card 3.0 and
Thunderbolt interfaces
Supports SuperSpeed USB 3.1 at 10 Gbps
Line capacitance of only 0.15 pF for each channel
All signal lines with integrated rail-to-rail clamping diodes for downstream
ESD protection of
15 kV exceeding IEC 61000-4-2, level 4
Matched 0.5 mm trace spacing
Design-friendly pass-through signal routing
1.3 Applications
The device is designed for high-speed receiver and transmitter port protection:
Portable and wearable devices
Smartphones, tablet computers
TVs and monitors
DVD recorders and players
Notebooks, main board graphic cards and ports
Set-top boxes and game consoles
PUSB3AB6
ESD protection for ultra high-speed interfaces
Rev. 1 — 3 March 2015
Product data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com