Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTSC1815 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTSC1815
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSC1815 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSC1815 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC1815 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC1815 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC1815 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBTS
A1015
PNP Transistor
2 / 4
www.pingjingsemi.com
Revision:1.0 Oct-2017
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 6 V, -IC = 2 mA Current Gain Group
O
Y
G
L
HFE
70
120
200
350
-
-
-
-
140
240
400
700
Collector Base Cutoff Current
at -VCB = 50 V
-ICBO
-
-
100
nA
Emitter Base Cutoff Current
at -VEB = 5 V
-IEBO
-
-
100
nA
Emitter Base Breakdown Voltage
at -IE = 100 μA
-V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at -IC = 100 mA, -IB = 10 mA
-VCE(sat)
-
-
0.3
V
Base Emitter Saturation Voltage
at -IC = 100 mA, -IB = 10 mA
-VBE(sat)
-
-
1.1
V
Transition Frequency
at -VCE = 10 V, -IC = 1 mA, f = 30 MHz
fT
80
-
-
MHz
Collector Base Capacitance
at -VCB = 10 V, f = 1 MHz
Cob
-
-
7
pF
Collector Base Breakdown Voltage
at -IC = 100 μA
-V(BR)CBO
50
-
-
V
-V(BR)CEO
50
-
-
V
Collector Emitter Breakdown Voltage
at -IC = 0.1 mA
Collector Emitter Cutoff Current
at -VCE = 50 V
-ICEO
-
-
1
μA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com