Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTSC1815 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTSC1815
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSC1815 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSC1815 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC1815 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC1815 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC1815 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 / 4
www.pingjingsemi.com
Revision:1.0 Oct-2017
Electrical Characteristics Curves
0
25
125
150
0
50
100
150
200
250
7
D
3
&
²²
50
75
100
AMBIENT TEMPERATURE T
a
( )
MMBTS
A1015
PNP Transistor
-1
-3
-1
-30
0- 00
1
-1
-1
-10
- 00
1
-0.1
-1
-100
10
100
-0
-2
-4
-6
-8
-10
-12
-3.6
-3.0
-2.4
-1.8
-1.2
-0.6
-0.0
-0.5
Ta=25
Ta=100
COLLECTOR CURRENT I
C
(mA)
=10
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
V
CEsat
——
I
C
-3
-0.3
-150
-0.1
-0.2
-0.01
-0.3
=10
Ta=25
Ta=100
COLLECTOR CURRENT I
C
(mA)
I
C
-0.3
-0.03
-30
-150
-3
-0.5
Ta=25
V
BEsat
——
I
C
h
FE
——
-0.2
300
500
30
-150
-1
-3
-10
-30
COLLECTOR CURRENT I
C
(mA)
Ta=100
COMMON EMITTER
—— V
CE=-6V
....... V
CE=-1V
Static Characteristic
COMMON
EMITTER
T
a=25
-4uA
-8uA
-7uA
-10uA
-9uA
-6uA
-5uA
-3uA
-2uA
I
B=-1uA
-1
-10
-100
10
100
1000
COLLECTOR CURRENT I
C
(mA)
f
T
—— I
C
300
30
-30
-3
-0.4
COMMON EMITTER
V
CE=-10V
Ta=25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com