Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTSC2412 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTSC2412
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSC2412 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSC2412 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC2412 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC2412 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC2412 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBTSC2412
NPN Transistor
www.pingjingsemi.com
2 / 4
Revision
:1.0 May-2018
Electrical Characteristics at TA= 25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 6 V, IC = 1mA
Q
R
S
hFE
hFE
hFE
120
180
270
-
-
-
270
390
560
-
-
-
Collector Base Cutoff Current
at VCB = 60 V
ICBO
-
100
nA
Emitter Base Cutoff Current
at VEB = 7 V
IEBO
-
100
nA
Collector Base Breakdown Voltage
at IC = 50 µA
V(BR)CBO
60
-
V
Collector Emitter Breakdown Voltage
at IC = 1 mA
V(BR)CEO
50
-
V
Emitter Base Breakdown Voltage
at IE = 50 µA
V(BR)EBO
7
-
V
Collector Emitter Saturation Voltage
at IC = 50 mA, IB = 5 mA
VCE(sat)
-
0.4
V
Base Emitter Saturation Voltage
at IC = 50 mA, IB = 5 mA
VBE(sat)
-
1
V
Current Gain Bandwidth Product
at VCE = 12 V, IE = 2 mA, f = 100 MHz
fT
-
180
-
MHz
Collector Output Capacitance
at VCE = 12 V, f = 1 MHz
Cob
-
3.5
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com