Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTSC2412 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTSC2412
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSC2412 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSC2412 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC2412 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC2412 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC2412 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBTSC2412
NPN Transistor
www.pingjingsemi.com
3 / 4
Revision
:1.0 May-2018
Electrical Characteristics Curves
Collector to Emitter Voltage VCE (V)
Fig.2 Grounded emitter output
characteristics(I)
Fig.4 DC current gain vs.
collector current (I)
Fig. 1 Grounded emitter
propagation characteristics
Base to emitter voltage VBE(V)
0.1
0.5
0.2
1
2
5
10
20
50
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
20
0
0.4
00.8
2.0
1.2
1.6
80
Ta=25 C
o
60
40
100
IB=0A
0.05mA
0.10mA
0.15mA
0.20mA
0.25mA
0.30mA
0.35mA
0.40mA
0.45mA
0.50mA
Collector to Emitter Voltage VCE (V)
0
0
2
8
412
20
16
Fig.3 Grounded emitter output
characteristics(II)
Ta=25oC
4
6
8
10
30 A
27 A
24 A
21 A
18 A
15 A
12 A
9A
6A
3A
IB=0A
20
10
0.2 0.5
2 5 10 20 50 100 200
200
50
100
500
1
Ta=25 C
o
Ta=100 oC
25oC
-55oC
VCE=5V
3V
1V
Collector Current Ic (mA)
10
1
0.2
10
0.5
20
2 5
20 50 100 200
200
100
Fig.5 DC current gain vs.
collector current (II)
50
500
VCE=5V
0.2 0.5 1 2
5 10 20 50 100
Collector Current Ic (mA)
0.02
0.01
200
Fig.6 Collector-emitter saturation
voltage vs. collector current
0.05
0.1
0.5
0.2
IC/IB=50
20
10
Ta=25oC
VCE=6V
Fig.7 Collector-emitter saturation
voltage vs. collector current(I)
Collector Current Ic (mA)
0.2 0.5 1
5
210 20
0.02
0.01
0.05
0.2
0.1
0.5
50 100200
Ta=25 C
o
IC/IB=10
5
Collector Current Ic (mA)
0.2 0.5
0.01
12
0.02
10 20 50 100
0.05
0.1
0.2
0.5
IC/IB=50
Fig.8 Collector-emitter saturation
voltage vs. collector current(II)
-55oC
25oC
Ta=100 oC
Ta=100 oC
25oC
-55 C
o
-0.5 -1
-2
Emitter Current IE (mA)
50
100
-5 -10 -20 -50-100
Fig.9 Gain bandwidth product vs.
emitter current
200
500
VCE=6V
Collector Current Ic (mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com