Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8917 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8917
Description  Lead Wire, #16 Str TC, PVC Ins, AWM 1015 CSA TYPE TEW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8917 Datasheet(HTML) 1 Page - Belden Inc.

  8917 Datasheet HTML 1Page - Belden Inc. 8917 Datasheet HTML 2Page - Belden Inc. 8917 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: 8917
Lead Wire, #16 Str TC, PVC Ins, AWM 1015 CSA TYPE TEW
Product Description
Low Temp Plastic Lead Wire, 16AWG (26x30) Tinned Copper, PVC Insulation, AWM 1015 CSA TYPE TEW JQA-F 600V 105C
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
16
26x30
TC - Tinned Copper 1
Conductor Count:
1
Insulation
Material
Nominal Diameter Nominal Wall Thickness Min. Average Wall Thickness
PVC - Polyvinyl Chloride 0.123 in
0.0315 in
0.03 in
Outer Jacket Material
Material
Nominal Diameter
No Jacket 0.123 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
3.75 Ohm/1000ft
Current
Element
Max. Recommended Current [A]
Single conductor in free air @ 30C ambient Single conductor in free air @ 30C ambient 26 amps
Voltage
UL Voltage Rating
600 V RMS
Temperature Range
UL Temp Rating:
105°C
Operating Temp Range:
-30°C To +105°C
Mechanical Characteristics
Bulk Cable Weight:
13.75 lbs/1000ft
Min Bend Radius/Minor Axis:
1 in
Standards
NEC/(UL) Specification:
MTW
UL AWM Style:
AWM 1015/1230
CSA Rating:
600 V, 105°C


Similar Part No. - 8917

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8917 ETC2-8917 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8917 ETC2-8917 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8917 ETC2-8917 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Heyco.
8917 HEYCO-8917 Datasheet
129Kb / 1P
Heyco® Hose and Cable Wrap-Polyethylene
logo
Belden Inc.
8917 BELDEN-8917 Datasheet
99Kb / 2P
Hook-up/Lead - UL AWM Style 1015
08-26-2016
More results

Similar Description - 8917

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
34416 BELDEN-34416 Datasheet
142Kb / 2P
Lead Wire, #16 Str TC, CSPE Ins, AWM 3191
05-05-2023
34916 BELDEN-34916 Datasheet
140Kb / 2P
Lead Wire, #16 Str TC, CSPE Ins, AWM 3190
05-05-2023
35412 BELDEN-35412 Datasheet
151Kb / 2P
Lead Wire, #12 Str TC, XLPO Ins, AWM 3436 CSA TYPE CL1251 AND AWM
05-05-2023
35410 BELDEN-35410 Datasheet
150Kb / 2P
Lead Wire, #10 Str TC, XLPO Ins, AWM 3436 CSA TYPE CL1251 AND AWM
05-05-2023
35414 BELDEN-35414 Datasheet
151Kb / 2P
Lead Wire, #14 Str TC, XLPO Ins, AWM 3436 CSA TYPE CL1251 AND AWM
05-05-2023
35416 BELDEN-35416 Datasheet
151Kb / 2P
Lead Wire, #16 Str TC, XLPO Ins, AWM 3436 CSA TYPE CL1251 AND AWM
05-05-2023
35418 BELDEN-35418 Datasheet
152Kb / 2P
Lead Wire, #18 Str TC, XLPO Ins, AWM 3436 CSA TYPE CL1251 AND AWM
05-05-2023
35616 BELDEN-35616 Datasheet
152Kb / 2P
Lead Wire, #16 Str TC, XLPO Ins, AWM 3173
01-20-2023
35716 BELDEN-35716 Datasheet
151Kb / 2P
Lead Wire, #16 Str TC, XLPO Ins, AWM 3199
05-05-2023
39116 BELDEN-39116 Datasheet
166Kb / 2P
Lead Wire, #16 Str TC, PPO Ins, AWM 11028
01-20-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com