Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8917 Datasheet(PDF) 2 Page - Belden Inc.

Part # 8917
Description  Lead Wire, #16 Str TC, PVC Ins, AWM 1015 CSA TYPE TEW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8917 Datasheet(HTML) 2 Page - Belden Inc.

  8917 Datasheet HTML 1Page - Belden Inc. 8917 Datasheet HTML 2Page - Belden Inc. 8917 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CSA AWM Specification:
AWM I A/B
CSA Type:
AWM I A/B or TEW
Military Specification:
N/A
Applicable Environmental and Other Programs
EU Directive 2000/53/EC
(ELV):
Yes
EU Directive 2003/96/EC
(BFR):
Yes
EU Directive 2011/65/EU
(ROHS II):
Yes
EU Directive 2012/19/EU
(WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
EU RoHS Compliance Date
(yyyy-mm-dd):
2005-07-01
CA Prop 65 (CJ for Wire &
Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
VW-1
CSA Flammability:
FT1
UL voltage rating:
600 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
No
Part Number
Variants
Item #
Color
UPC
Length Footnote
8917 010100
Black
612825219392 100 ft
8917 0101000 Black
612825219408 1,000 ft P
8917 010500
Black
612825348009 500 ft
8917 0105000 Black
612825219415 5,000 ft C P
8917 013100
Blue, Dark
612825219453 100 ft
8917 0131000 Blue, Dark
612825219460 1,000 ft P
8917 013500
Blue, Dark
612825219477 500 ft
8917 0135000 Blue, Dark
612825219484 5,000 ft C
8917 001100
Brown
612825219019 100 ft
8917 0011000 Brown
612825219026 1,000 ft P
8917 0081000 Gray
612825219286 1,000 ft C P
8917 005100
Green, Dark
612825219194 100 ft
8917 0051000 Green, Dark
612825219200 1,000 ft P
8917 005500
Green, Dark
612825219217 500 ft
8917 189100
Green, Yellow Stripe 612825219521 100 ft
A
8917 1891000 Green, Yellow Stripe 612825219538 1,000 ft C A
8917 003100
Orange
612825219118 100 ft
8917 0031000 Orange
612825219125 1,000 ft P
8917 002100
Red
612825219071 100 ft
8917 0021000 Red
612825219088 1,000 ft C P
8917 002500
Red
612825219095 500 ft
8917 0025000 Red
612825219101 5,000 ft C
8917 0071000 Violet
612825219248 1,000 ft P
8917 009100
White
612825219316 100 ft
8917 0091000 White
612825219323 1,000 ft P
8917 009500
White
612825219330 500 ft
8917 0095000 White
612825219347 5,000 ft C
8917 004100
Yellow
612825219156 100 ft
8917 0041000 Yellow
612825219163 1,000 ft C P



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com