Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO150 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO150
Description  QO mini breaker, 50 A, 1 pole, 120/240 V, 10 kA, plug in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO150 Datasheet(HTML) 1 Page - Schneider Electric

  QO150 Datasheet HTML 1Page - Schneider Electric QO150 Datasheet HTML 2Page - Schneider Electric QO150 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
QO150
QO mini breaker, 50 A, 1 pole, 120/240 V, 10 kA,
plug in
Product availability : Stock - Normally stocked in distribution facility
Price** : 29.10 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
50 A
Voltage Rating
120/240 V AC
120 V AC
48 V DC
Mounting Type
Plug-in
Number of Poles
1P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
5 kA 48 V DC
Number of Panel Spaces
1
Wire Size
AWG 8...AWG 2 copper or aluminium
Tightening torque
44.25 lbf.in (5 N.m) 0.02…0.04 in² (10…25 mm²) AWG 8...AWG 2)
Height
79.25 mm (3.12 in)
Depth
73.91 mm (2.91 in)
Width
19.05 mm (0.75 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 6, 2019
1


Similar Part No. - QO150

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO1501021 SCHNEIDER-QO1501021 Datasheet
138Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 20, 2019
QO1501042 SCHNEIDER-QO1501042 Datasheet
130Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 20, 2019
QO1501200 SCHNEIDER-QO1501200 Datasheet
125Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO1502100 SCHNEIDER-QO1502100 Datasheet
124Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in, Alarm Switch
Dec 20, 2019
QO1505238 SCHNEIDER-QO1505238 Datasheet
81Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
More results

Similar Description - QO150

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO115 SCHNEIDER-QO115 Datasheet
115Kb / 3P
QO mini breaker, 15 A, 1 pole, 120/240 V, 10 kA, plug in
Nov 25, 2019
QO120 SCHNEIDER-QO120 Datasheet
119Kb / 3P
QO mini breaker, 20 A, 1 pole, 120/240 V, 10 kA, plug in
Nov 25, 2019
QO250 SCHNEIDER-QO250 Datasheet
114Kb / 3P
QO mini breaker, 50 A, 2 pole, 120/240 V, 10 kA, plug in
QO350 SCHNEIDER-QO350 Datasheet
129Kb / 3P
QO mini breaker, 50 A, 3 pole, 120/240 V, 10 kA,plug in
QO130 SCHNEIDER-QO130 Datasheet
108Kb / 3P
QO mini breaker, 30 A, 1 pole, 120/240 V, 10 kA, plug in
Nov 27, 2019
QO110 SCHNEIDER-QO110 Datasheet
115Kb / 3P
QO mini breaker, 10 A, 1 pole, 120/240 V, 10 kA, plug in
Dec 4, 2019
QO125 SCHNEIDER-QO125 Datasheet
107Kb / 3P
QO mini breaker, 25 A, 1 pole, 120/240 V, 10 kA, plug in
Dec 4, 2019
QO160 SCHNEIDER-QO160 Datasheet
119Kb / 3P
QO mini breaker, 60 A, 1 pole, 120/240 V, 10 kA, plug in
Dec 6, 2019
QO150CP SCHNEIDER-QO150CP Datasheet
117Kb / 2P
QO mini breaker, 50 A, 1 pole, 120/240 V, 10 kA, plug in, CP
QO350CP SCHNEIDER-QO350CP Datasheet
170Kb / 2P
QO mini breaker, 50 A, 3 pole, 120/240 V, 10 kA, plug in, CP
Dec 20, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com