Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPV Datasheet(PDF) 2 Page - AVX Corporation

Part # NPV
Description  NbO - Ceramic Multianode Chip Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NPV Datasheet(HTML) 2 Page - AVX Corporation

  NPV Datasheet HTML 1Page - AVX Corporation NPV Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
92
Capacitance
Rated Voltage DC to 85°C / 0.66 Vr to 125°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
330
337
V (3)
470
477
V (3)
560
567
V (3)
680
687
1000
108
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
ESR VS FREQUENCY PLOTS – TYPICAL
Available Ratings, (ESR ratings in mOhms in brackets)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.
CoreCap
® NPV Series
NbO - Ceramic Multianode Chip Capacitors
ESR
1
10
100
1000
100
1000
10000
100000
1000000
Frequency (Hz)
Impedance
1
10
100
1000
10000
100
1000
10000
100000
1000000
Frequency (Hz)
LEAD-FREE COMPATIBLE
COMPONENT
NON-BURN
NON-SMOKE
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case
Capacitance
Voltage
(μA)
%
Max. (mΩ)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@300kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
2.5 Volt @ 85ºC (1.7 Volt @ 105ºC)
NPVV567M002#0003
V
560
2.5
28
6
3
3
4619
4157
1848
14
12
6
4 Volt @ 85°C (2.7 Volt @ 105°C)
NPVV337M004#0003
V
330
4
26.4
6
3
3
4619
4157
1848
14
12
6
NPVV477M004#0003
V
470
4
37.6
6
3
3
4619
4157
1848
14
12
6
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR solid Tantalum Capacitors allow an ESR movement to 1.25 times catalog limit post mounting.
For typical weight and composition see page 123.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com