Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPV Datasheet(PDF) 1 Page - AVX Corporation

Part # NPV
Description  NbO - Ceramic Multianode Chip Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NPV Datasheet(HTML) 1 Page - AVX Corporation

  NPV Datasheet HTML 1Page - AVX Corporation NPV Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
91
NPV
Type
V
Case Size
See table
above
567
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
M
Tolerance
M=±20%
002
Rated DC Voltage
002=2.5Vdc
004=4Vdc
HOW TO ORDER
#
Packaging
R = Pure Tin 7" Reel
S = Pure Tin 13" Reel
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
330 μF to 560 μF
Capacitance Tolerance:
±20%
Leakage Current:
0.02CV (CV = capacitance x voltage)
Voltage Range (VR)
+85°C:
2.5
4
Category Voltage (VC)
+105ºC:
1.7
2.7
Temperature Range:
-55ºC to +105ºC with category voltage
ESL:
Typically 2.5nH below 10MHz
Reliability:
0.2% per 1000 hours at 85ºC, 1xVR with 0.1Ω/V series impedance
with 60% confidence level
TECHNICAL SPECIFICATIONS
CoreCap
® NPV Series
NbO - Ceramic Multianode Chip Capacitors
CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H+0.20 (0.008)
W
1±0.20
A+0.30 (0.012)
S Min.
Code
Metric
(0.008)
-0.10 (0.004)
-0.10 (0.004)
(0.008)
-0.20 (0.008)
V
2924
7361-38
7.30 (0.287)
6.10 (0.240)
3.55 (0.140)
3.10 (0.120)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
0003
ESR in mΩ
• Multi-anode construction
• Super low ESR
• Non-burn safe technology
• 3x reflow 260°C compatible
• V-Core filtering and power supply
applications (e.g. servers, notebooks etc.)
•
CV range: 330-560μF / 2.5-4V
L
S
AA
W
1
W
H
For part marking see page 130
NPV MULTIANODE
CONSTRUCTION


Similar Part No. - NPV

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NPV AVX-NPV Datasheet
62Kb / 1P
Marking
logo
Tyco Electronics
NPVF150CL-100 MACOM-NPVF150CL-100 Datasheet
5Mb / 85P
tyco electronics contents
NPVF200CL-100 MACOM-NPVF200CL-100 Datasheet
5Mb / 85P
tyco electronics contents
NPVF300CL-100 MACOM-NPVF300CL-100 Datasheet
5Mb / 85P
tyco electronics contents
More results

Similar Description - NPV

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE
logo
Kemet Corporation
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
CERAMIC CHIP CAPACITORS
logo
Hamamatsu Corporation
R5900U-M4 HAMAMATSU-R5900U-M4 Datasheet
165Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
Ceramic Chip Capacitors
logo
AVX Corporation
TRME108K004R0023 AVX-TRME108K004R0023 Datasheet
102Kb / 3P
TRM Professional Multianode
TCME108M004R0010 AVX-TCME108M004R0010 Datasheet
147Kb / 2P
Tantalum Solid Electrolytic Chip Capacitors Conductive Polymer Multianode
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
CERAMIC CHIP CAPACITORS
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
CERAMIC CHIP CAPACITORS
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com