Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5NK90Z Datasheet(PDF) 8 Page - STMicroelectronics

Part # STF5NK90Z
Description  N-CHANNEL 900V - 2ohm - 4.5A TO-220/TO-220FP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5NK90Z Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STF5NK90Z Datasheet HTML 4Page - STMicroelectronics STF5NK90Z Datasheet HTML 5Page - STMicroelectronics STF5NK90Z Datasheet HTML 6Page - STMicroelectronics STF5NK90Z Datasheet HTML 7Page - STMicroelectronics STF5NK90Z Datasheet HTML 8Page - STMicroelectronics STF5NK90Z Datasheet HTML 9Page - STMicroelectronics STF5NK90Z Datasheet HTML 10Page - STMicroelectronics STF5NK90Z Datasheet HTML 11Page - STMicroelectronics STF5NK90Z Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
STP5NK90Z - STF5NK90Z
8/12
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com