Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5NK90Z Datasheet(PDF) 11 Page - STMicroelectronics

Part # STF5NK90Z
Description  N-CHANNEL 900V - 2ohm - 4.5A TO-220/TO-220FP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5NK90Z Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STF5NK90Z Datasheet HTML 4Page - STMicroelectronics STF5NK90Z Datasheet HTML 5Page - STMicroelectronics STF5NK90Z Datasheet HTML 6Page - STMicroelectronics STF5NK90Z Datasheet HTML 7Page - STMicroelectronics STF5NK90Z Datasheet HTML 8Page - STMicroelectronics STF5NK90Z Datasheet HTML 9Page - STMicroelectronics STF5NK90Z Datasheet HTML 10Page - STMicroelectronics STF5NK90Z Datasheet HTML 11Page - STMicroelectronics STF5NK90Z Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
STP5NK90Z - STF5NK90Z
Table 10: Revision History
Date
Revision
Description of Changes
24-Sep-2004
1
First release.
05-Oct-2004
2
Complete datasheet
06-Sep-2005
3
Inserted Ecopack indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com