Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC15M00950KBA Datasheet(PDF) 4 Page - AVX Corporation

Part # VC15M00950KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC15M00950KBA Datasheet(HTML) 4 Page - AVX Corporation

  VC15M00950KBA Datasheet HTML 1Page - AVX Corporation VC15M00950KBA Datasheet HTML 2Page - AVX Corporation VC15M00950KBA Datasheet HTML 3Page - AVX Corporation VC15M00950KBA Datasheet HTML 4Page - AVX Corporation VC15M00950KBA Datasheet HTML 5Page - AVX Corporation VC15M00950KBA Datasheet HTML 6Page - AVX Corporation VC15M00950KBA Datasheet HTML 7Page - AVX Corporation VC15M00950KBA Datasheet HTML 8Page - AVX Corporation VC15M00950KBA Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
100
080216
Glass Encapsulated SMD Varistor MLV
(VJ12, 20, 13, 14, 15, 32)
Automotive MLV Range – MA and PA Series
AUTOMOTIVE SERIES – VJ12, 20, 13, 14, 15, 32 MA and PA SERIES
V / I CHARACTERISTICS
V / I Characteristics : Automotive Parts
0
50
100
150
200
0.00001 0.0001 0.001 0.01
0.1
1
10
100
1000 10000
I (A)
VJ20MA0160K
VJ13MA0160K
VJ14MA0160K
VJ14PA0160K
VJ15MA0160K
VJ15PA0160K
VJ15PA0340K
VJ32PA0160K
1E-06
PULSE RATING
Pulse Rating
0.10%
1.00%
10.00%
100.00%
10
100
1000
10000
Pulse Duration (µs)
1 Repetition (Top)
2 Repetitions
10 Repetitions
10E2 Repetitions
10E3 Repetitions
10E4 Repetitions
10E5 Repetitions
10E6 Repetitions
Infinite (bottom)
T
A% max
TEMPERATURE DEPENDENCE OF V/I CHARACTERISTICS
VJ20MA0160K
10
100
1E-07
1E-06
1E-05
1E-04
1E-03
1E-02
Current (A)
-40°C
+25°C
+85°C
+125°C
V/V1mA (%)
VJ13MA0160K
10
100
Current (A)
V/V1mA (%)
1E-06
1E-05
1E-04
1E-03
1E-02
-40°C
+25°C
+85°C
+125°C
VJ14MA0160K
10
100
1E-07
1E-06
1E-05
1E-04
1E-03
1E-02
Current (A)
-40°C
+25°C
+85°C
+125°C
V/V1mA (%)
VJ15MA0160K
10
100
1E-07
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
-40°C
+25°C
+85°C
+125°C
Current (A)
V/V1mA (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com