Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC15M00950KBA Datasheet(PDF) 1 Page - AVX Corporation

Part # VC15M00950KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC15M00950KBA Datasheet(HTML) 1 Page - AVX Corporation

  VC15M00950KBA Datasheet HTML 1Page - AVX Corporation VC15M00950KBA Datasheet HTML 2Page - AVX Corporation VC15M00950KBA Datasheet HTML 3Page - AVX Corporation VC15M00950KBA Datasheet HTML 4Page - AVX Corporation VC15M00950KBA Datasheet HTML 5Page - AVX Corporation VC15M00950KBA Datasheet HTML 6Page - AVX Corporation VC15M00950KBA Datasheet HTML 7Page - AVX Corporation VC15M00950KBA Datasheet HTML 8Page - AVX Corporation VC15M00950KBA Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
97
080216
VJ
14
MT
0950
K
BA
Varistor Termination
Chip Size
Series Code
Operating
1mA Voltage
Packaging
VJ = Plated Ni/Sn100%
12 = 0805
M0,MC/QC = Industrial
Voltage
Tolerance
BA = Tape & Reel
VU = Plated Ni/SnPb
20 = 1206
MT = Telecom
AC or DC
K = ±10%
VJ12 = 4000 pcs/reel
VC = Hybrid AgPdPt
13 = 1210
MA/PA/QA = Automotive
VJ20 = 3000 pcs/reel
14 = 1812
VJ13 = 2000 pcs/reel
15 = 2220
VJ14 = 1250 pcs/reel
32 = 3220
VJ15 = 1250 pcs/reel
VJ32 = 1000 pcs/reel
Glass Encapsulated SMD Varistor MLV
(VJ12, 20, 13, 14, 15, 32)
Transient Voltage Suppression, ESD Protection Devices & EMI Devices
GENERAL DESCRIPTION
AVX’s Professional Multilayer Varistors include 3 series of
glass coated products as listed below:
• Standard M0/MC/PC Series
• Telecom MT Series
• Automotive MA/PA/QA Series
The glass encapsulation process ensures high insulation
resistance values after reflow soldering and excellent SMT
compatibility. This protection ensures reliability and acid-
resistance against harsh environment like chlorite flux.
TYPICAL APPLICATIONS
Mainly used to reduce transient over-voltages in a very wide
range of electronic products. Some example applications
are:
1) Telecom, 2) Automotive, 3) Consumer Electronics, and
4) Industrial Applications.
PHYSICAL CHARACTERISTICS
PHYSICAL DIMENSIONS: mm (inches)
Type
IEC Size
L
W
T
Land Length t
VJ12
0805
2.01±0.20
1.25±0.15
1.3 max.
0.15...0.55
(0.079±0.008)
(0.049±0.006)
(0.051 max.)
(0.006...0.022)
VJ20
1206
3.20±0.20
1.60±0.20
1.7 max.
0.25...0.75
(0.126±0.008)
(0.063±0.008)
(0.067 max.)
(0.010...0.030)
VJ13
1210
3.20±0.30
2.50±0.25
1.7 max.
0.25...0.75
(0.126±0.012)
(0.098±0.010)
(0.067 max.)
(0.010...0.030)
VJ14
1812
4.50±0.30
3.20±0.30
2.0 max.
0.25...1.00
(0.177±0.012)
(0.126±0.012)
(0.079 max.)
(0.010...0.039)
VJ15
2220
5.70±0.40
5.00±0.40
2.5max.
0.25...1.00
(0.224±0.016)
(0.197±0.016)
(0.098 max.)
(0.010...0.039)
VJ32
3220
8.20±0.40
5.00±0.40
2.5 max.
0.35...1.30
(0.323±0.016)
(0.197±0.016)
(0.098 max.)
(0.014...0.051)
PART NUMBERING
L
W
T
t
1 Zinc varistor
2 Glass lead-free encapsulation
3 Silver termination
4 Nickel barrier
5 Tin 100%


Similar Part No. - VC15M00950KBA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC15MA0340KBA AVX-VC15MA0340KBA Datasheet
305Kb / 8P
Medium Power Multilayer Chip Varistor
VC15MA0950KBA AVX-VC15MA0950KBA Datasheet
305Kb / 8P
Medium Power Multilayer Chip Varistor
VC15MA0950KBA AVX-VC15MA0950KBA Datasheet
309Kb / 9P
Medium Power Multilayer Chip Varistor
VC15MC0950KBA AVX-VC15MC0950KBA Datasheet
305Kb / 8P
Medium Power Multilayer Chip Varistor
VC15MC0950KBA AVX-VC15MC0950KBA Datasheet
309Kb / 9P
Medium Power Multilayer Chip Varistor
More results

Similar Description - VC15M00950KBA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0402-140 MACOM-PESD0402-140 Datasheet
275Kb / 6P
ESD Protection Devices
logo
AVX Corporation
VC20MA0160KBA AVX-VC20MA0160KBA Datasheet
1Mb / 10P
Transient Voltage Suppression, ESD Protection Devices & EMI Devices
logo
Surge Components
ESDPSA0402V05 SURGE-ESDPSA0402V05 Datasheet
210Kb / 5P
ESD Protection Devices
ESDPSA0603V24 SURGE-ESDPSA0603V24 Datasheet
208Kb / 5P
ESD Protection Devices
logo
Nanjing International G...
ESDPSA0603V12-3.0 DGNJDZ-ESDPSA0603V12-3.0 Datasheet
227Kb / 5P
ESD Protection Devices
logo
Rohm
RSA5L ROHM-RSA5L_15 Datasheet
269Kb / 5P
ESD Protection Devices
logo
First Silicon Co., Ltd
PE12A-2510 FS-PE12A-2510 Datasheet
896Kb / 7P
ESD Protection Devices
logo
Nanjing International G...
ESD0402V05 DGNJDZ-ESD0402V05 Datasheet
1Mb / 5P
ESD Protection Devices
ESDPSA0402V18 DGNJDZ-ESDPSA0402V18 Datasheet
343Kb / 5P
ESD Protection Devices
3.0
ESDU02A12VR25V DGNJDZ-ESDU02A12VR25V Datasheet
359Kb / 5P
ESD Protection Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com