Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-710 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VC-710
Description  Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-710 Datasheet(HTML) 4 Page - Vectron International, Inc

  VC-710 Datasheet HTML 1Page - Vectron International, Inc VC-710 Datasheet HTML 2Page - Vectron International, Inc VC-710 Datasheet HTML 3Page - Vectron International, Inc VC-710 Datasheet HTML 4Page - Vectron International, Inc VC-710 Datasheet HTML 5Page - Vectron International, Inc VC-710 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VC-710 Voltage Controlled Crystal Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page
4 of 6
Rev: Jan 17 2005
Outline Diagram
Pad Layout
Pin Out
Pin
Symbol
Function
1
VC
VCXO Control Voltage
2
OE
Enable / Disable
Enabled = High or Open
Disabled = Low
High impedance output (Oscillator running)
3
GND
Case and Electrical Ground
4
Output
Output
5
COutput
Complementary Output
6
VCC
Power Supply Voltage (3.3 V)
Tape and Reel (EIA-481-2-A)
Tape Dimensions (mm)
Reel Dimensions (mm)
Dimension
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
# Per
Tolerance
Typ
Typ
Typ
Typ
Typ
Typ
Min
Typ
Min
Min
Typ
Max
Reel
VC-710
16
7.5
1.5
4
8
178
1.5
13
20.2
50
16.4
22.4
200
Po
W
A
N
F
P1
W1
W2
C
B
D
ØDo
mm
[inch]
5.08
[0.200]
2.54
[0.100]
1.78
[0.070]
3.66
[0.144]
1.96
[0.077]
VC710 D FFGFA
XXX.XXX
VI YWW
5.08±0.15
[0.200±0.006]
1.27
[0.050]
5.08
[0.200]
mm
[inch]
6
5
4
1
2
3
1.27
[0.050]
1.91
[0.075]
R0.64
[0.025]
7.49±0.15
[0.295±0.006]
1.77±0.18
[0.070±0.007]
2.54
[0.100]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com