Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-710 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VC-710
Description  Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-710 Datasheet(HTML) 1 Page - Vectron International, Inc

  VC-710 Datasheet HTML 1Page - Vectron International, Inc VC-710 Datasheet HTML 2Page - Vectron International, Inc VC-710 Datasheet HTML 3Page - Vectron International, Inc VC-710 Datasheet HTML 4Page - Vectron International, Inc VC-710 Datasheet HTML 5Page - Vectron International, Inc VC-710 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 1 of 6
Rev: Jan 17 2005
Data Sheet
VC-710
Voltage Controlled Crystal Oscillator
Features
• Small Industry Standard Package, 5.0 x 7.5 x 1.8 mm
• Output Frequencies from 120 MHz to 200 MHz
• 3.3 V Operation
• HFF crystal for ultra low jitter
• Complementary PECL Outputs
• Low phase noise and custom options
• 0/70° C or –40/85° C operating temperature
• Enable /Disable (PECL)
• RoHS compliant lead free construction
Applications
PLL circuits for Clock Smoothing and Frequency Translation
• Fiber Channel
• SONET
• SDH, ITU-T G.709
• SONET, GR-253-CORE Issue3
Description
The VC-710 is a voltage controlled crystal oscillator that
operates at the fundamental frequency of the internal HFF
crystal. The HFF crystal is a high-Q quartz device that
enables the circuit to achieve low phase jitter performance
over a wide operating temperature range. The oscillator is
housed in an industry standard hermetically sealed leadless
surface mount package and is available on tape and reel.


Similar Part No. - VC-710

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-710 VECTRON-VC-710 Datasheet
115Kb / 6P
Voltage Controlled Crystal Oscillator
VC-710 VECTRON-VC-710_06 Datasheet
115Kb / 6P
Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-710

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVXO-918T CRYSTEKCRYSTAL-CVXO-918T Datasheet
113Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
Voltage Controlled Crystal Oscillator
CVXO-016T CRYSTEKCRYSTAL-CVXO-016T_15 Datasheet
72Kb / 1P
Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Silicon Laboratories
SI515 SILABS-SI515 Datasheet
1Mb / 22P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
logo
Fronter Electronics Co....
VCXO-SMD7050 FRONTER-VCXO-SMD7050 Datasheet
194Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Epson Company
VG2520CAN EPSON-VG2520CAN Datasheet
600Kb / 2P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com