Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT6520 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBT6520
Description  HIGH-VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT6520 Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBT6520 Datasheet HTML 1Page - Continental Device India Limited CMBT6520 Datasheet HTML 2Page - Continental Device India Limited CMBT6520 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
THERMAL CHARACTERISTICS
Tj = P (Rth j–t + Rth s–a) + Tamb
Thermal resistance
from junction to ambient
Rth j–a
556 °C/mW
CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Collector–emitter breakdown voltage
–IC = 1 mA
–V(BR)CEO min.
350 V
Collector–base breakdown voltage
–IC = 100 µA–V(BR)CBO min.
350 V
Emitter–base breakdown voltage
–IE = 10 µA–V(BR)EBO min.
5 V
Collector cut–off current
–VCB = 250 V
–ICBO
max.
50 nA
Emitter cut-off current
–VEB = 4 V
–IEBO
max.
50 nA
Output capacitance at f = 1 MHz
–VCB = 20 V
Cc
max.
6 pF
Input capacitance at f = 1 MHz
–VEB = 0.5 V
Ce
max.
100 pF
Saturation voltages
–IC = 10 mA; –IB = 1 mA
–VCEsat
max.
0.3 V
–VBEsat
max.
0.75 V
–IC = 20 mA; –IB = 2 mA
–VCEsat
max.
0.35 V
–VBEsat
max.
0.85 V
–IC = 30 mA; –IB = 3 mA
–VCEsat
max.
0.5 V
–VBEsat
max.
0.9 V
–IC = 50 mA; –IB = 5 mA
–VCEsat
max.
1.0 V
D.C. current gain
–IC = 1 mA; –VCE = 10 V
hFE
min.
20
–IC = 10 mA; –VCE = 10 V
hFE
min.
30
–IC = 30 mA; –VCE = 10 V
hFE
min.
30
max.
200
–IC = 50 mA; –VCE = 10 V
hFE
min.
20
max.
200
–IC = 100 mA; –VCE = 10 V
hFE
min.
15
Base emitter voltage
IC = 100 mA; VCE = 10 V
VBE(on)
max.
2 V
Transition frequency
–VCE = 20 V; –IC = 10 mA; f = 20 MHz
fT
min.
20 MHz
max.
200 MHz
CMBT 6520



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com