Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT6520 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBT6520
Description  HIGH-VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT6520 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBT6520 Datasheet HTML 1Page - Continental Device India Limited CMBT6520 Datasheet HTML 2Page - Continental Device India Limited CMBT6520 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
HIGH–VOLTAGE TRANSISTOR
P–N–P transistor
Marking
CMBT6520 = 2Z
ABSOLUTE MAXIMUM RATINGS
Collector–base voltage (open emitter)
–VCBO
max.
350 V
Collector–emitter voltage (open base)
–VCEO
max.
350 V
Emitter–base voltage (open collector)
–VEBO
max.
5 V
Collector current (d.c.)
–IC
max.
500 mA
Total power dissipation at Tamb = 25°C
Ptot
max
225 mW
D.C. current gain
–IC = 10 mA; –VCE = 10 V
hFE
min.
30
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector–base voltage (open emitter)
–VCBO
max.
350 V
Collector–emitter voltage (open base)
–VCEO
max.
350 V
Emitter–base voltage (open collector)
–VEBO
max.
5 V
Collector current (d.c.)
–IC
max.
500 mA
Total power dissipation at Tamb = 25°C
Ptot
max
225 mW
Storage temperature
Tstg
–55 to +150 °C
Junction temperature
Tj
max.
150 °C
CMBT 6520
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CMBT6520

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT6517 CDIL-CMBT6517 Datasheet
155Kb / 3P
HIGH-VOLTAGE TRANSISTOR
More results

Similar Description - CMBT6520

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
HIGH VOLTAGE TRANSISTOR
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
HIGH VOLTAGE TRANSISTOR
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
High Voltage Transistor
logo
Unisonic Technologies
MMBTA43 UTC-MMBTA43_15 Datasheet
97Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBT6520L ONSEMI-MMBT6520L Datasheet
141Kb / 5P
High Voltage Transistor
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com