Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12201 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP12201
Description  Synchronous Step Down Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12201 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP12201 Datasheet HTML 1Page - Vishay Siliconix SIP12201 Datasheet HTML 2Page - Vishay Siliconix SIP12201 Datasheet HTML 3Page - Vishay Siliconix SIP12201 Datasheet HTML 4Page - Vishay Siliconix SIP12201 Datasheet HTML 5Page - Vishay Siliconix SIP12201 Datasheet HTML 6Page - Vishay Siliconix SIP12201 Datasheet HTML 7Page - Vishay Siliconix SIP12201 Datasheet HTML 8Page - Vishay Siliconix SIP12201 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 73541
S-52083–Rev. A, 10-Oct-05
Vishay Siliconix
SiP12201
New Product
Notes
a. Device mounted with all leads soldered or welded to PC board
b. Derate 14 mW/°C above + 85 °C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating/conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
VIN, LX to GND
29
V
BST to LX
6
FB, Comp/SD to GND
- 0.3 to 6
Power Dissipationa, b
560
mW
Maximum Junction Temperature
125
°C
Storage Temperature
- 55 to + 150
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
Input Voltage Range
4.2 to 26.0
V
Output Voltage Adjustment Range
0.6 to 5.5
Operating Temperature Range
- 40 to + 85
°C
SPECIFICATIONSa
Parameter
Symbol
Test Condition Unless Specified
VIN = 5.5 to 26 V
Limits
-40 to 85°C
Unit
Mina
Typb
Maxa
Controller
Input Voltage
VIN
4.2
26.0
V
Quiescent Current
Non switching
850
1250
µA
Internal Supply Voltage
VL
4.8
5.5
V
Oscillator Frequency
fOSC
400
500
600
kHz
Oscillator Ramp Amplitude
∆V
OSC
1
V
Max Duty Cycle
DC
87
93
%
Feedback Voltage
VFB
TA = 25°C
0.591
0.600
0.609
V
0.585
0.615
FB input Bias Current
IFB
100
nA
Transconductance
GM
2mA/V
Soft Start
4ms
Inputs and Outputs
SD Input Voltage
VIL
0.15
V
Shutdown Current
ISD
120
225
µA
MOSFET Drivers
Break-before-make time
tBBM
10
ns
Highside Driver
Output Voltage
VDH
4.5
V
On resistance
RDSHH
VIN = VBST = VLX = 4.5 V
8.7
13
Ω
RDSHL
VIN = VBST = VLX = 4.5 V
2.3
3.6
Ω
Rise time
trH
VIN = VL = VBST = 5 V, CL= 2.7 nF
51
ns
Fall time
tfH
VIN = VL = VBST = 5 V, CL= 2.7 nF
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com