Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12201 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP12201
Description  Synchronous Step Down Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12201 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP12201 Datasheet HTML 1Page - Vishay Siliconix SIP12201 Datasheet HTML 2Page - Vishay Siliconix SIP12201 Datasheet HTML 3Page - Vishay Siliconix SIP12201 Datasheet HTML 4Page - Vishay Siliconix SIP12201 Datasheet HTML 5Page - Vishay Siliconix SIP12201 Datasheet HTML 6Page - Vishay Siliconix SIP12201 Datasheet HTML 7Page - Vishay Siliconix SIP12201 Datasheet HTML 8Page - Vishay Siliconix SIP12201 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 73541
S-52083–Rev. A, 10-Oct-05
www.vishay.com
3
Vishay Siliconix
SiP12201
New Product
NOTES:
a) The algebriac convention whereby the most negative value is a minimum and the most positive a maximum.
b) Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
PIN CONFIGURATION
Parameter
Symbol
Test Condition Unless Specified
VIN = 5.5 to 26 V
Limits
-40 to 85°C
Unit
Mina
Typb
Maxa
Lowside Driver
Output Voltage
VDL
4.5
V
On resistance
RDSLH
VIN = VL = 4.5 V
2.5
3.9
Ω
RDSLL
VIN = VL = 4.5 V
0.85
1.4
Ω
Rise time
trL
VIN = VL = 5 V, CL= 2.7 nF
13.4
ns
Fall time
tfL
VIN = VL = 5 V, CL= 2.7 nF
5.8
Protection
Under voltage lockout
VUVLO
Rising
3.6
3.9
V
UVLO-Hysteresis
0.180
UVLO-High Side
Rising
2.0
2.3
UVLO-High Side Hysteresis
0.15
Thermal Shutdown
Temperature
Rising
165
°C
Thermal Hysteresis
20
°C
Over Current Limit
MOSFET on Voltage Sense
Threshold
VDL
-240
-170
-110
mV
SPECIFICATIONSa
PIN DESCRIPTION
Pin Number
Name
Function
1
COMP/SD
Combination Compensation and Shut down pin
2
FB
Feedback input
3
AGND
Analog Ground
4
VIN
Input voltage for the power MOSFETs and their gate drive
5
VL
Internal Supply Voltage
6
DL
Lowside gate drive
7
PGND
Power Ground
8
BST
Connection for the bootstrap capacitor
9
DH
Highside gate drive
10
LX
Connection for the inductor node
ORDERING INFORMATION
Part Number
Temperature Range
Package
SiP12201DM-T1-E3
-40 to 85 °C
MLP33-10
Eva Kit
Temperature Range
Board
SiP12201DB
-40 to 85 °C
Surface Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com