Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-60C Datasheet(PDF) 3 Page - CUI INC

Part # VOF-60C
Description  AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-60C Datasheet(HTML) 3 Page - CUI INC

  VOF-60C Datasheet HTML 1Page - CUI INC VOF-60C Datasheet HTML 2Page - CUI INC VOF-60C Datasheet HTML 3Page - CUI INC VOF-60C Datasheet HTML 4Page - CUI INC VOF-60C Datasheet HTML 5Page - CUI INC VOF-60C Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date 10/29/2019
│ page 3 of 6
CUI Inc
│ SERIES: VOF-60C │ DESCRIPTION: AC-DC POWER SUPPLY
SAFETY & COMPLIANCE (CONTINUED)
parameter
conditions/description
min
typ
max
units
EFT/burst
IEC/EN61000-4-4, ±2 kV, perf. Criteria B
surge
IEC/EN61000-4-5, line to line ±1KV, perf. Criteria B
conducted immunity
IEC/EN61000-4-6, 10 Vrms, Perf. Criteria A
voltage dips & interruptions
IEC/EN61000-4-11 , 0%,70%, perf. Criteria B
MTBF
as per MIL-HDBK-217F at 25°C
300,000
hours
RoHS
yes
Notes:
4. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-25
70
°C
storage temperature
-25
85
°C
storage humidity
non-condensing
90
%
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com