Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-60C Datasheet(PDF) 4 Page - CUI INC

Part # VOF-60C
Description  AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-60C Datasheet(HTML) 4 Page - CUI INC

  VOF-60C Datasheet HTML 1Page - CUI INC VOF-60C Datasheet HTML 2Page - CUI INC VOF-60C Datasheet HTML 3Page - CUI INC VOF-60C Datasheet HTML 4Page - CUI INC VOF-60C Datasheet HTML 5Page - CUI INC VOF-60C Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 10/29/2019
│ page 4 of 6
CUI Inc
│ SERIES: VOF-60C │ DESCRIPTION: AC-DC POWER SUPPLY
Load vs. Ambient Temperature
(at 85~264 Vac / 100~370 Vdc Input Voltage)
Load vs. Input Voltage
(at 25°C Ambient Temperature)
Ambient Temperature (°C)
-25
100
20
70
Input Voltage
85
100
60
80
100
40
264 Vac
370 Vdc
-10
50
20
60
70
80
40
165
230
240
340
70
DERATING CURVES
EFFICIENCY CURVES
Efficiency vs. Input Voltage
(at full load)
Efficiency vs. Load Current
(at 230 Vac)
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com