Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3211447 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3211447
Description  Component terminal block - PTTB 2,5-2DIO/OL-U/OR-U
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3211447 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3211447 Datasheet HTML 1Page - PHOENIX CONTACT 3211447 Datasheet HTML 2Page - PHOENIX CONTACT 3211447 Datasheet HTML 3Page - PHOENIX CONTACT 3211447 Datasheet HTML 4Page - PHOENIX CONTACT 3211447 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3211447
09/26/2019   Page 3 / 5
Component terminal block - PTTB 2,5-2DIO/OL-U/OR-U - 3211447
Technical data
General
Test specification, shock test
DIN EN 50155 (VDE 0115-200):2018-05
Shock form
Half-sine
Acceleration
30g
Shock duration
18 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Dimensions
Width
5.2 mm
Length
68 mm
Height NS 35/7,5
47.5 mm
Height NS 35/15
55 mm
Connection data
Connection method
Push-in connection
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
4 mm²
Conductor cross section AWG min.
26
Conductor cross section AWG max.
12
Conductor cross section flexible, with ferrule without plastic sleeve min. 0.14 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.14 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
2.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with
plastic sleeve, max.
0.5 mm²
Stripping length
8 mm ... 10 mm
Internal cylindrical gage
A3
Stripping length
8 mm ... 10 mm
Standards and Regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com