Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3211447 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3211447
Description  Component terminal block - PTTB 2,5-2DIO/OL-U/OR-U
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3211447 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3211447 Datasheet HTML 1Page - PHOENIX CONTACT 3211447 Datasheet HTML 2Page - PHOENIX CONTACT 3211447 Datasheet HTML 3Page - PHOENIX CONTACT 3211447 Datasheet HTML 4Page - PHOENIX CONTACT 3211447 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3211447
09/26/2019   Page 1 / 5
Component terminal block - PTTB 2,5-2DIO/OL-U/OR-U - 3211447
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Component terminal block, with integrated 1N4007 diode, The max. current is determined by the diode.
Installed: Diode 1N 4007, reverse voltage: 1300 V, maximum continuous current: 0.5 A., nom. voltage: 500 V,
nominal current: 0.5 A, connection method: Push-in connection, number of connections: 4, cross section: 0.14
mm² - 4 mm², AWG: 26 - 12, width: 5.2 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
Your advantages
 The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free
wiring of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
Key Commercial Data
Packing unit
50 pc
Minimum order quantity
50 pc
GTIN
GTIN
4055626371658
Technical data
General
Note
The max. current is determined by the diode. Installed: Diode 1N 4007,
reverse voltage: 1300 V, maximum continuous current: 0.5 A.
Number of levels
2
Number of connections
4
Nominal cross section
2.5 mm²
Color
gray
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
6 kV
Degree of pollution
3
Overvoltage category
III
Insulating material group
I


Similar Part No. - 3211447

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3211443 PHOENIX-3211443 Datasheet
82Kb / 5P
PITTB 2,5-2DIO/O-UL/O-UR
3211445 PHOENIX-3211445 Datasheet
80Kb / 5P
Component terminal block - PTTB 2,5-2DIO/U-OL/U-OR
More results

Similar Description - 3211447

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210282 PHOENIX-3210282 Datasheet
55Kb / 4P
Component terminal block - PTTBS 2,5-DIO/O-U
3210925 PHOENIX-3210925 Datasheet
172Kb / 20P
Double-level terminal block - PTTB 2,5-R499/O-U
3211430 PHOENIX-3211430 Datasheet
84Kb / 6P
Component terminal block - PTTB 2,5-2DIO/O-UL/UR-UL
3211431 PHOENIX-3211431 Datasheet
80Kb / 4P
Component terminal block - PTTB 2,5-2R/NAMUR
3211432 PHOENIX-3211432 Datasheet
165Kb / 17P
Component terminal block - PTTB 2,5-2R BU/NAMUR
3211445 PHOENIX-3211445 Datasheet
80Kb / 5P
Component terminal block - PTTB 2,5-2DIO/U-OL/U-OR
3211480 PHOENIX-3211480 Datasheet
72Kb / 4P
Component terminal block - PTTB 2,5-2BE
3213221 PHOENIX-3213221 Datasheet
79Kb / 5P
Component terminal block - PTTB 2,5-2DIO/UL-O/UR-O
3210295 PHOENIX-3210295 Datasheet
587Kb / 26P
Component terminal block - PTTBS 2,5-DIO/U-O
3210936 PHOENIX-3210936 Datasheet
566Kb / 23P
Component terminal block - PTTB 2,5-DIO/U-O
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com