Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM Datasheet(PDF) 2 Page - AVX Corporation

Part # TCM
Description  Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCM Datasheet(HTML) 2 Page - AVX Corporation

  TCM Datasheet HTML 1Page - AVX Corporation TCM Datasheet HTML 2Page - AVX Corporation TCM Datasheet HTML 3Page - AVX Corporation TCM Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
092419
211
TCM Series
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
100V (A)
10
106
V(50)
22
226
E(25)
33
336
E(60)
E(60)
47
476
E(60)
68
686
E(25)
100
107
E(25)
150
157
220
227
E(40)
330
337
E(10,15)
E(10,15)
E(25)
470
477
E(7,10)
680
687
E(12)
E(12)
1000
108
E(6,10)
E(6,8,10,12)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Released ratings, (ESR ratings in mOhms in parentheses)
Engineering samples - please contact AVX
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher voltage ratings in the same case size, to the same reliability standards.
RATINGS & PART NUMBER REFERENCE
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at
rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 274.
NOTE: AVX reserves the right to supply higher voltage ratings or tighter tolerance part in the same case size, to the same reliability standards.
Rated
Maximum
DCL
DF
ESR
AVX
Case Capacitance
Voltage
Operating
Max.
Max.
Max.
100kHz RMS Current (mA)
MSL
Part No.
Size
(μF)
(V)
Temperature
(μA)
(%)
@ 100kHz
45ºC
85ºC
125ºC
(ºC)
(mΩ)
2.5 Volt @ 105°C
TCME108M002#0006E
E
1000
2.5
125
250
10
6
8300
5800
2100
3
TCME108M002#0010E
E
1000
2.5
125
250
10
10
6400
4500
1600
3
4 Volt @ 105°C
TCME687M004#0012E
E
680
4
125
272
8
12
5800
4100
1500
3
TCME108M004#0006E
E
1000
4
125
400
8
6
8300
5800
2100
3
TCME108M004#0008E
E
1000
4
125
400
8
8
7200
5000
1800
3
TCME108M004#0010E
E
1000
4
125
400
8
10
6400
4500
1600
3
TCME108M004#0012E
E
1000
4
125
400
8
12
5800
4100
1500
3
6.3 Volt @ 105°C
TCME337M006#0010E
E
330
6.3
125
198
8
10
6400
4500
1600
3
TCME337M006#0015E
E
330
6.3
125
198
8
15
5200
3600
1300
3
TCME477M006#0007E
E
470
6.3
125
296
10
7
7700
5400
1900
3
TCME477M006#0010E
E
470
6.3
125
296
10
10
6400
4500
1600
3
TCME687M006#0012E
E
680
6.3
125
408
8
12
5800
4100
1500
3
10 Volt @ 105°C
TCME337M010#0010E
E
330
10
125
330
8
10
6400
4500
1600
3
TCME337M010#0015E
E
330
10
125
330
8
15
5200
3600
1300
3
16 Volt @ 105°C
TCME107M016#0025E
E
100
16
125
160
8
25
4000
2800
1000
3
TCME227M016#0040E
E
220
16
125
352
8
40
3200
2200
800
3
TCME337M016#0025E
E
330
16
125
528
8
25
4000
2800
1000
3
20 Volt @ 105°C
TCME686M020#0025E
E
68
20
125
136
8
25
4000
2800
1000
3
25 Volt @ 105°C
TCME336M025#0060E
E
33
25
125
82.5
8
60
2600
1800
700
3
TCME476M025#0060E
E
47
25
125
117.5
8
60
2600
1800
700
3
35 Volt @ 105°C
TCME226M035#0025E
E
22
35
125
77
8
25
4000
2800
1000
3
TCME336M035#0060E
E
33
35
125
115.5
8
60
2600
1800
700
3
100 Volt @ 105°C
TCMV106M100#0050E
V
10
100
125
100
8
50
2900
2000
700
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com