Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM Datasheet(PDF) 3 Page - AVX Corporation

Part # TCM
Description  Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCM Datasheet(HTML) 3 Page - AVX Corporation

  TCM Datasheet HTML 1Page - AVX Corporation TCM Datasheet HTML 2Page - AVX Corporation TCM Datasheet HTML 3Page - AVX Corporation TCM Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
212
092419
TCM Series
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
QUALIFICATION TABLE
TCM series (Temperature range -55°C to +125°C)
TEST
Condition
Characteristics
Visual examination
no visible damage
DCL
1.25 x initial limit
ΔC/C
within ±20% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL
2 x initial limit
ΔC/C
within ±20% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL
3 x initial limit
ΔC/C
within +30/-20% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+125ºC +20ºC
DCL
IL*
n/a
IL*
10 x IL* 12.5 x IL*
IL*
ΔC/C
n/a
+0/-20%
±10% +20/-0% +30/-0% ±10%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
2 x IL*
IL*
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within +20/-30% of initial value
DF
1.25 x initial limit
Apply rated voltage (Ur) at 105°C and category volt-
age (Uc) at 125°C for 2000 hours through a circuit
impedance of ≤0.1Ω/V. Stabilize at room temperature
for 1-2 hours before measuring.
Store at 125ºC, no voltage applied, for 2000 hours.
Stabilize at room temperature for 1-2 hours before
measuring.
Store at 65ºC and 95% relative humidity for 500
hours, with no applied voltage. Stabilize at room
temperature and humidity for 1-2 hours before
measuring.
Apply 1.3x category voltage (Uc) at 125ºC for
1000 cycles of duration 6 min (30 sec charge,
5 min 30 sec discharge) through a charge /
discharge resistance of 1000Ω
Step
Temperature°C
Duration(min)
1
+20
15
2
-55
15
3
+20
15
4
+85
15
5
+125
15
6
+20
15
*Initial Limit
Initial measurement max. 1hr after the removal from dry pack or after pretreatment at 85°C for 24 hours.
Endurance
Storage Life
Humidity
Temperature
Stability
Surge
Voltage
RECOMMENDED DERATING FACTOR
Voltage and temperature
derating as percentage of Vr.
For Vr ≤ 10V
For Vr ≥ 16V
Recommended
Application Voltage
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55%
85ºC
105ºC
125ºC
67%
60%
Recommended
Application Voltage
Rated Voltage
Rated Voltage
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55%
85ºC
105ºC
125ºC
67%
54%
Rated
Operating Temperature
voltage
≤85°C
105°C
125°C
≤10V
90%
90%
60%
≥16V
80%
80%
54%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com