Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO150VH Datasheet(PDF) 1 Page - Schneider Electric

Part # QO150VH
Description  Mini CB, QO, 50 A, 1P, 120/240 V, 22 kA, Plug in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO150VH Datasheet(HTML) 1 Page - Schneider Electric

  QO150VH Datasheet HTML 1Page - Schneider Electric QO150VH Datasheet HTML 2Page - Schneider Electric QO150VH Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
QO150VH
Mini CB, QO, 50 A, 1P, 120/240 V, 22 kA, Plug in
Price** : 73.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
50 A
Voltage Rating
120/240 V AC
120 V AC
Mounting Type
Plug-in
Number of Poles
1P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Complementary
Inturrupt Rating
22 kA 120/240 V AC 50/60 Hz
22 kA 120 V AC 50/60 Hz
Number of Panel Spaces
1
Wire Size
AWG 8...AWG 2 copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
79.25 mm (3.12 in)
Depth
73.91 mm (2.91 in)
Width
19.05 mm (0.75 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Ordering and shipping details
Category
00926-QO IND SPECIALTY CB
Dec 16, 2019
1


Similar Part No. - QO150VH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO150 SCHNEIDER-QO150 Datasheet
105Kb / 3P
QO mini breaker, 50 A, 1 pole, 120/240 V, 10 kA, plug in
Dec 6, 2019
QO1501021 SCHNEIDER-QO1501021 Datasheet
138Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 20, 2019
QO1501042 SCHNEIDER-QO1501042 Datasheet
130Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 20, 2019
QO1501200 SCHNEIDER-QO1501200 Datasheet
125Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO1502100 SCHNEIDER-QO1502100 Datasheet
124Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in, Alarm Switch
Dec 20, 2019
More results

Similar Description - QO150VH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO130VH SCHNEIDER-QO130VH Datasheet
131Kb / 3P
Mini CB, QO, 30 A, 1P, 120/240 V, 22 kA, Plug in
Dec 6, 2019
QO115VH SCHNEIDER-QO115VH Datasheet
131Kb / 3P
Mini CB, QO, 15 A, 1P, 120/240 V, 22 kA, Plug in
Dec 6, 2019
QO110VH SCHNEIDER-QO110VH Datasheet
115Kb / 2P
Mini CB, QO, 10 A, 1P, 120/240 V, 22 kA, Plug in
QO140VH SCHNEIDER-QO140VH Datasheet
126Kb / 3P
Mini CB, QO, 40 A, 1P, 120/240 V, 22 kA, Plug in
QO115VH35 SCHNEIDER-QO115VH35 Datasheet
62Kb / 2P
Mini CB, QO, 15 A, 1P, 120/240 V, 22 kA, Plug in, 50Deg
QO120VHFT SCHNEIDER-QO120VHFT Datasheet
113Kb / 2P
Mini CB, QO, 20 A, 1P, 120/240 V, 22 kA, Plug in, FT
Dec 20, 2019
QO125VH SCHNEIDER-QO125VH Datasheet
136Kb / 3P
Mini CB, QO, 25 A, 1P, 120/240 V, 22 kA, Plug in
Dec 20, 2019
QO160VH SCHNEIDER-QO160VH Datasheet
132Kb / 3P
Mini CB, QO, 60 A, 1P, 120/240 V, 22 kA, Plug in
Dec 20, 2019
QO170VH SCHNEIDER-QO170VH Datasheet
125Kb / 3P
Mini CB, QO, 70 A, 1P, 120/240 V, 22 kA, Plug in
Dec 20, 2019
QO1505238 SCHNEIDER-QO1505238 Datasheet
81Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com