Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT74 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT74
Description  Advanced CMOS TTL Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT74 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT74 Datasheet HTML 1Page - Silicon Supplies 74ACT74 Datasheet HTML 2Page - Silicon Supplies 74ACT74 Datasheet HTML 3Page - Silicon Supplies 74ACT74 Datasheet HTML 4Page - Silicon Supplies 74ACT74 Datasheet HTML 5Page - Silicon Supplies 74ACT74 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
 
 Advanced CMOS TTL Input – 74ACT74
Dual D-Type Flip-Flop Logic IC with Set and Reset in bare die form
Rev 1.0
21/11/19
 
 
Inputs directly accept TTL
Outputs Directly Interface to CMOS, NMOS, and TTL
Outputs Source/Sink 24 mA
 
 
Asynchronous Set-Reset Capability  
Lower power alternative to bipolar logic
 
Functionally compatible with bipolar 74LS74
 
Direct drop-in replacement for obsolete components
in long term programs.
 
 
 
 
 
 
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
The 74ACT74 is fabricated using a 1.5µm advanced
5V CMOS process & consists of two identical,
independent data type flip-flops. Each flip-flop has
separate data, set, reset, clock inputs & Q,Q outputs.
The device can be used in Shift Register applications
and also Counter or Toggle applications by connecting
Q output to the data input. The logic level present at
the “D” input is transferred to the Q output during the
positive-going transition of the clock pulse. Setting or
resetting is clock independent and accomplished by a
high level on the respective Set or Reset line.
Ordering Information
Description
Die Dimensions in µm (mils)
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1400 x 1400
55 x 55
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
For High Reliability versions of this product please see
54ACT74
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
1400 (55)
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 6 
www.siliconsupplies.com


Similar Part No. - 74ACT74

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT74 STMICROELECTRONICS-74ACT74 Datasheet
454Kb / 11P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Apr-2001
logo
Fairchild Semiconductor
74ACT74 FAIRCHILD-74ACT74 Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74ACT74 ONSEMI-74ACT74 Datasheet
157Kb / 12P
Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74ACT74 FAIRCHILD-74ACT74 Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Silicon Supplies
74ACT74 SS-74ACT74 Datasheet
417Kb / 6P
Advanced CMOS TTL Input
Rev 1.0 21/11/19
More results

Similar Description - 74ACT74

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com