Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM124 Datasheet(PDF) 1 Page - Silicon Supplies

Part # LM124
Description  Quad Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM124 Datasheet(HTML) 1 Page - Silicon Supplies

  LM124 Datasheet HTML 1Page - Silicon Supplies LM124 Datasheet HTML 2Page - Silicon Supplies LM124 Datasheet HTML 3Page - Silicon Supplies LM124 Datasheet HTML 4Page - Silicon Supplies LM124 Datasheet HTML 5Page - Silicon Supplies LM124 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
Quad Operational Amplifier – LM324
 
Low power, Quad Operational Amplifier in bare die form
Rev 1.0
16/06/18
Features:
 
 
 
 
 
 
The LM324 consists of x4 independent, frequency
compensated operational amplifiers specifically
designed to operate from a single power supply over a
wide input voltage range. Input common-mode voltage
range includes ground and output voltage can also
swing to ground. Unity gain crossover frequency and
input bias current are temperature-compensated to
provide high stability. Split-supply operation is also
possible with supply current drain independent of
voltage supplied for low power consumption. The part
operates over the commercial temperature range.
Description
Temperature compensated bandwidth (unity gain)
Temperature compensated IB(MAX): 500nA
Wide power supply range, single supply: 3V-32V
or dual supplies: ±1.5V to ±16V
Low VOS: 2mV, and IOS : 5nA
Differential input voltage range equal to the power
supply voltage
Large output voltage: 0V to VCC -1.5V swing
Input Common-Mode Voltage range includes GND
 
 
 
Ordering Information
Die Dimensions in µm (mils)
The following part suffixes apply:
1270 (50)
 
No suffix - MIL-STD-883 /2010B Visual Inspection
 
 
For a higher electrical grade version of this product please see
LM324A
 
 
For High Reliability versions of this product please see
LM124 and LM124A
 
 
 
 
 
Supply Formats:
Mechanical Specification
 
Default – Die in Waffle Pack (400 per tray capacity)
Die Size (Unsawn)
1270 x 1200
µm
50 x 47
mils
 
Sawn Wafer on Tape – On request
90 x 90
µm
Minimum Bond Pad Size
3.54 x 3.54
mils
Unsawn Wafer – On request
280 (±10)
µm
 
Die Thickness
 
11.02 (±0.39)
mils
Die Thickness <> 280µm(11 Mils) – On request
Top Metal Composition
Al
Assembled into Ceramic Package – On request
Back Metal Composition
N/A – Bare Si
Page 1 of 6 
www.siliconsupplies.com


Similar Part No. - LM124

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
logo
Texas Instruments
LM124 TI-LM124 Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM124 TI-LM124 Datasheet
598Kb / 24P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
More results

Similar Description - LM124

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
QUAD OPERATIONAL AMPLIFIER
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
Quad operational amplifier
logo
fujitsu semiconductor
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
Quad Operational Amplifier
logo
Renesas Technology Corp
HA17324A RENESAS-HA17324A Datasheet
104Kb / 8P
Quad Operational Amplifier
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
QUAD OPERATIONAL AMPLIFIER
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
Quad Operational Amplifier
Rev 1.0 16/06/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com