Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564LE845-CC Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX8564LE845-CC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8564LE845-CC Datasheet(HTML) 2 Page - California Eastern Labs

  NX8564LE845-CC Datasheet HTML 1Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 2Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 3Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 4Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 5Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 6Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 7Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 8Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PACKAGE DIMENSIONS (Units in mm, unless otherwise specified ±0.2mm)
NX8564/8565/8566LE SERIES
Pin
No.
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Function
Function
PIN CONNECTIONS
GND
GND
NC
GND
Signal Input (MOD),
50 Ω RF Input
GND
GND
Thermistor
Thermistor
LD DC Bias
PD Anode
PD Cathode
Cooler Anode
Cooler Cathode
TOP VIEW
#8
#14
#7
#1
+
-
PD
LD
MOD
Cooler
Thermistor
Optical Fiber (SMF)
Length : 900 MIN.
29.97±0.25
5.4
8.0
Nose
Fiber
20.83±0.13
26.04±0.13
7
8
1
14
15.24
2.54
4 – 2.67
φ
22.0 MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com