Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564LE845-CC Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX8564LE845-CC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8564LE845-CC Datasheet(HTML) 6 Page - California Eastern Labs

Back Button NX8564LE845-CC Datasheet HTML 2Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 3Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 4Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 5Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 6Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 7Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 8Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 9Page - California Eastern Labs NX8564LE845-CC Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NX8564/8565/8566LE SERIES
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Optical Output Power from Fiber
Pf
10
mW
Forward Current of LD
IFLD
150
mA
Reverse Voltage of LD
VRLD
2.0
V
Forward Voltage of Modulator
VFEA
1
V
Reverse Voltage of Modulator
VREA
5
V
Forward Current of PD
IFPD
1
mA
Reverse Voltage of PD
VRPD
10
V
Cooler Current
IC
1.5
A
Cooler Voltage
VC
2.5
V
Operating Case Temperature
TC
−
20 to +70
°
C
Storage Temperature
Tstg
−
40 to +85
°
C
Lead Soldering Temperature
Tsld
260 (10 sec.)
°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com