Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN Datasheet(PDF) 2 Page - AVX Corporation

Part # TCN
Description  Highest CV/cc Conductive Polymer Chip Capacitors Undertab
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCN Datasheet(HTML) 2 Page - AVX Corporation

  TCN Datasheet HTML 1Page - AVX Corporation TCN Datasheet HTML 2Page - AVX Corporation TCN Datasheet HTML 3Page - AVX Corporation TCN Datasheet HTML 4Page - AVX Corporation TCN Datasheet HTML 5Page - AVX Corporation TCN Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
090419
215
Capacitance
Rated Voltage DC to 85°C / 0.66DC to 105°C
μF
Code
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
1.0
105
N(1500E)
4.7
475
N(500E)
L(300E)
T(200E)
6.8
685
O(500E)
10
106
O(500E)
O(500E)
K(350E)
T(200E)
S(350E)
15
156
O(500E)
O(500E)
22
226
O(500E)
O(500E)
T(200E)
33
336
L(200E)
T(250E)
T(200E)
L(250E)
47
476
M(500E)
T(200)
X(100E)
X(150E)
T(150E)
68
686
K(200E,250E)
3(70)*
3(200)*
100
107
L(200E)
4(100E)
4(100E)
S(250E)
L(200E)
150
157
S(250E)
X(100E)
4(70E)
T(200E)
220
227
H(170E)
4(70E)
4(100E)
4(100E)
T(200E)
330
337
4(70E)
4(100E)
470
477
X(50E)
4(100E)
1000
108
X(200E)/3(100)*
4(55E)
1500
158
4(55E)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
TCN Series
Highest CV/cc Conductive Polymer Chip Capacitors Undertab
NOTE: Conductive Polymer Capacitors are designed to operate within the limits of the environmental conditions specified for each series. If operated continuously at their maximum
temperature and / or humidity limit, or beyond these limits, capacitors may exhibit a parametric shift in capacitance and increases in ESR. These changes may occur earlier if the
specified environmental conditions are exceeded. Similarly, their normal operational time period will be significantly extended if their general duty cycle includes operation below max-
imum temperature within humidity controlled environments. Careful attention should be paid to maximum temperature with associated high humidity environments as well as voltage
derating, ripple current and current surges. Please reference the AVX Conductive Polymer Capacitor Guidelines for more information or contact factory for application assistance.
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
1.0 μF to 1500 μF
Capacitance Tolerance:
±20%
Leakage Current DCL:
0.1CV
Rated Voltage (VR)
+85ºC:
4
6.3
10
16
20
25
35
50
Category Voltage (VC)
+105ºC:
3.2
5
8
13
16
20
28
40
Surge Voltage (VS)
+85ºC:
5.2
8
13
21
26
33
46
65
Surge Voltage (VS)
+105ºC:
4
6
10
16
20
25
35
50
Temperature Range:
-55°C to +105°C
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance 60% confidence level
TECHNICAL SPECIFICATIONS
Note for designers - for the highlighted ratings, higher voltage options are now available in the same case size and are recommended for new designs.
Released ratings, (ESR ratings in mOhms in parentheses)
*Codes under developement - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher voltage ratings in the same case size, to the same reliability standards.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com