Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN Datasheet(PDF) 4 Page - AVX Corporation

Part # TCN
Description  Highest CV/cc Conductive Polymer Chip Capacitors Undertab
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCN Datasheet(HTML) 4 Page - AVX Corporation

  TCN Datasheet HTML 1Page - AVX Corporation TCN Datasheet HTML 2Page - AVX Corporation TCN Datasheet HTML 3Page - AVX Corporation TCN Datasheet HTML 4Page - AVX Corporation TCN Datasheet HTML 5Page - AVX Corporation TCN Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
090419
217
TCN Series
Highest CV/cc Conductive Polymer Chip Capacitors Undertab
PRODUCT CATEGORY 2, 3 (TEMPERATURE RANGE -55°C TO +105°C)
TEST
Condition
Characteristics
Visual examination
no visible damage
DCL
1.25 x initial limit
ΔC/C
within ±20% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL (VR ≤ 75V)
1.25 x initial limit
DCL (VR > 75V)
2 x initial limit
ΔC/C
within ±20% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL
3 x initial limit
ΔC/C
within +30/-20% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+105ºC +20ºC
DCL
IL*
n/a
IL*
10 x IL* 12.5 x IL*
IL*
ΔC/C
n/a
+0/-20%
±5%
+20/-0% +30/-0%
±5%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
2 x IL*
IL*
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within +10/-20% of initial value for Vr ≤ 10V
within +20/-30% of initial value for Vr ≥ 16V
DF
1.25 x initial limit
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within ±5% of initial value
DF
initial limit
ESR
initial limit
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within ±5% of initial value
DF
initial limit
ESR
initial limit
Apply rated voltage (Ur) at 85ºC for 2000 hours
through a circuit impedance of ≤0.1Ω/V (all
CATEGORIES). And / or apply rated voltage (Ur)
(CATEGORY 2) or 0.8x rated voltage (CATEGORY 3)
at 105°C for 2000 hours through a circuit impedance
of ≤0.1Ω/V. Always stabilize at room temperature for
1-2 hours before measuring.
Store at 105ºC, no voltage applied, for 2000 hours.
Stabilize at room temperature for 1-2 hours before
measuring.
Store at 65ºC and 95% relative humidity for 500
hours, with no applied voltage. Stabilize at room
temperature and humidity for 1-2 hours before
measuring.
Apply 1.3x rated voltage (Ur) at 105ºC for CATEGORY 2,
or apply 1.3x 0.8x rated voltage (Ur) at 105ºC for CATE-
GORY 3 for 1000 cycles of duration 6 min (30 sec
charge, 5 min 30 sec discharge) through a charge /
discharge resistance of 1000Ω
Step
Temperature°C
Duration(min)
1
+20
15
2
-55
15
3
+20
15
4
+85
15
5
+105
15
6
+20
15
*Initial Limit
Initial measurement max. 1hr after the removal from dry pack or after pretreatment at 85°C for 24 hours.
Endurance
Storage Life
Humidity
Temperature
Stability
Surge
Voltage
MIL-STD-202, Method 213, Condition C
MIL-STD-202, Method 204, Condition D
Mechanical
Shock
Vibration
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55ºC
85ºC
105ºC
Rated Voltage
Product Category 2
Recommended Application
Voltage for Vr ≤ 10V
Recommended Application
Voltage for Vr ≥ 16V
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55ºC
85ºC
Rated Voltage
Product Category 5
Recommended Application
Voltage for Vr ≤ 10V
Recommended Application
Voltage for Vr ≥16V
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55ºC
85ºC
105ºC
Product Category 3
Rated Voltage
Recommended Application
Voltage for Vr ≤ 10V
Recommended Application
Voltage for Vr ≥ 16V
80%
72%
64%
RECOMMENDED DERATING FACTOR
Voltage and temperature derating as percentage of Vr



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com