Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLAS Datasheet(PDF) 2 Page - AVX Corporation

Part # VLAS
Description  Multilayer Varistors with Low Clamping to Working Voltage Ratio
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VLAS Datasheet(HTML) 2 Page - AVX Corporation

  VLAS Datasheet HTML 1Page - AVX Corporation VLAS Datasheet HTML 2Page - AVX Corporation VLAS Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
ELECTRICAL CHARACTERISTICS
V-I CHARACTERISTICS
AVX PM
V
W (DC) VW (AC)
V
B
V
C
V
CTyp
I
VC
I
L
E
T
E
LD
I
P
Cap
V
Jump
P
Diss. Max
Vdc
Vac
V
V
V
A
μA
J
J
A
pF
V
W
VLAS060316A350
16
11
19.5+12%
35
30
1
10
0.1
-
50
400
20
0.003
VLAS080516C350
16
11
19.5+12%
35
30
1
10
0.3
0.7
120
900
20
0.006
VLAS120616E350
16
11
19.5+12%
35
30
1
10
0.5
1.3
200
1400
20
0.010
VLAS121016J350
16
11
19.5+12%
35
30
2.5
10
1.6
3
500
5000
20
0.030
Low Clamp Automotive TransGuard®
Multilayer Varistors with Low Clamping to Working Voltage Ratio
VW(DC) DC Working Voltage [V]
E
t
Transient Energy Rating [J, 10x1000μS]
VW(AC) AC Working Voltage [V]
I
P
Peak Current Rating [A, 8x20μS]
V
B
Breakdown Voltage [V @ 1mADC]
Cap
Typical capacitance [pF] @ 1kHz and 0.5VRMS
V
C
Clamping Voltage [V @ IVC]
V
Jump
Jump Start (V)
V
CTyp
Typical Clamping Voltage [V @ IVC]
P
Diss Max
Max Power Dissipation (W)
I
VC
Test Current for VC
I
L
Maximum leakage current at the working voltage [μA]
0
10
20
30
40
50
60
1.E-09
1.E-07
1.E-05
1.E-03
1.E-01
1.E+01
1.E+03
Current (A)
VLAS121016J350
VLAS120616K350
VLAS080516C350
VLAS060316A350
071219



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com