Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLAS Datasheet(PDF) 1 Page - AVX Corporation

Part # VLAS
Description  Multilayer Varistors with Low Clamping to Working Voltage Ratio
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VLAS Datasheet(HTML) 1 Page - AVX Corporation

  VLAS Datasheet HTML 1Page - AVX Corporation VLAS Datasheet HTML 2Page - AVX Corporation VLAS Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Low Clamp Automotive TransGuard®
Multilayer Varistors with Low Clamping to Working Voltage Ratio
GENERAL
CHARACTERISTICS
• Operating Temp.: -55 to +125°C
• Working Voltage: 16Vdc
• Case Size: 0603 - 1210
FEATURES & BENEFITS
• AEC-Q200 Qualified
• Low Clamping to Working Voltage ratio
• EMI/RFI attenuation
APPLICATIONS
• Infotainment
• ECU
• Displays
• Microcontrollers
• Low V
C to VW ratio requirements
080119
GENERAL DESCRIPTION
AVX Low Clamping Automotive TransGuard® Multilayer Varistors are designed for applications where lower
clamping to working voltage ratio is required. Parts are suitable for automotive, industrial and general
applications. Parts are AEC-Q200 qualified.
They offer bi-directional ESD overvoltage protection as well as EMI/RFI attenuation in a single SMT package.
This allows designers the ability to combine the circuit protection and EMI/RFI attenuation function into a
single highly reliable device.
Compared to standard varistors, low clamp varistors exhibit lower breakdown and clamping to working voltage
ratio and provide enhanced protection for components with higher sensitivity to overvoltage.
Available in 0603 to 1210 case size, 16 Vdc working voltage, energy rating 0.1 - 1.6J, load dump energy 0.7 – 3J,
peak current 50 – 500A and capacitance 400 – 5000pF. Operating temperature range is -55°C to +125°C. Parts
offer excellent lead free solderability thanks to Ni Barrier/100% Sn termination.
DIMENSIONS
mm (inches)
Size (EIA)
Length (L)
Width (W)
Max Thickness (T)
Land Length (t)
0603
1.60±0.15
(0.063±0.006)
0.80±0.15
(0.031±0.006)
0.90
(0.035)
0.35±0.15
(0.014±0.006)
0805
2.01±0.20
(0.079±0.008)
1.25±0.20
(0.049±0.008)
1.02
(0.040)
0.71 max.
(0.028 max.)
1206
3.20±0.20
(0.126±0.008)
1.60±0.20
(0.063±0.008)
1.02
(0.040)
0.94 max
(0.037 max.)
1210
3.20±0.20
(0.126±0.008)
2.49±0.20
(0.098±0.008)
1.70
(0.067)
1.14 max.
(0.045 max.)
MSL 1
Pb Free 260ºC
HOW TO ORDER
VL
Varistor Low
Clamp
Automotive
Series
AS
Case
Size
0603
0805
1206
1210
0603
Working
Voltage
16 = 16Vdc
16
Energy
Rating
A = 0.1J
C = 0.3J
E = 0.5J
J = 1.6J
A
Clamping
Voltage
350 = 35V
350
Package
D = 7"(1,000)
R = 7" (4,000)
T = 13" (10,000)
R
Termination
P = Ni/Sn plated
P


Similar Part No. - VLAS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VLAS060316A350 AVX-VLAS060316A350 Datasheet
316Kb / 3P
Multilayer Varistors Sample Kit – Automotive Applications
More results

Similar Description - VLAS

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMS05 LEIDITECH-SMS05 Datasheet
161Kb / 3P
Low clamping voltage
SMS05C LEIDITECH-SMS05C Datasheet
161Kb / 3P
Low clamping voltage
logo
Shanghai Semitech Semic...
SRC0504F SEMITECH-SRC0504F Datasheet
191Kb / 3P
Low clamping voltage
logo
Micro Commercial Compon...
ESD5V0LB MCC-ESD5V0LB Datasheet
807Kb / 4P
Low clamping voltage
ESDSLC5V0LB MCC-ESDSLC5V0LB Datasheet
618Kb / 4P
Low clamping voltage
logo
STMicroelectronics
ESDA7P120-1U1M STMICROELECTRONICS-ESDA7P120-1U1M Datasheet
586Kb / 9P
Low clamping voltage
09-Feb-2017
ESDALC5-1BF4 STMICROELECTRONICS-ESDALC5-1BF4 Datasheet
199Kb / 10P
Low clamping voltage
06-Feb-2014
logo
Leshan Radio Company
LTVS8H4.5CAT5G LRC-LTVS8H4.5CAT5G Datasheet
689Kb / 4P
Low clamping voltage
logo
Shanghai Leiditech Elec...
SDA3311DN LEIDITECH-SDA3311DN Datasheet
740Kb / 4P
Low clamping voltage
logo
Rectron Semiconductor
TEP2105LV RECTRON-TEP2105LV Datasheet
283Kb / 4P
Low clamping voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com