Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS889831 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS889831
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS889831 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS889831 Datasheet HTML 9Page - Integrated Circuit Systems ICS889831 Datasheet HTML 10Page - Integrated Circuit Systems ICS889831 Datasheet HTML 11Page - Integrated Circuit Systems ICS889831 Datasheet HTML 12Page - Integrated Circuit Systems ICS889831 Datasheet HTML 13Page - Integrated Circuit Systems ICS889831 Datasheet HTML 14Page - Integrated Circuit Systems ICS889831 Datasheet HTML 15Page - Integrated Circuit Systems ICS889831 Datasheet HTML 16Page - Integrated Circuit Systems ICS889831 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
889831AK
www.icst.com/products/hiperclocks.html
REV. A JUNE 16, 2005
13
Integrated
Circuit
Systems, Inc.
ICS889831
LOW SKEW, 1-TO-4
DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
3.3V
C5
R7
133
R9
133
3.3V
3.3V
+
-
R6
82.5
+
-
LVPECL
Zo = 50
Zo = 50
3.3V
R4
82. 5
C6
R1
100
3.3V
C1
0.1u
Zo = 50
C2
0.1u
R10
82.5
R5
133
3.3V
Zo = 50
R3
133
R2
100
Zo = 50
U1
ICS889831
1
2
3
4
9
10
11
12
Q1
nQ1
Q2
nQ2
nIN
VREF_AC
VT
IN
2.5V
R8
82. 5
Zo = 50
FIGURE 8. ICS889831 APPLICATION SCHEMATIC EXAMPLE
SCHEMATIC EXAMPLE
Figure 8 shows a schematic example of the ICS889831. This
schematic provides examples of input and output handling.The
ICS889831 input has built-in 50
Ω termination resistors.The in-
put can directly accept various types of differential signal with-
out AC couple. For AC couple termination, the ICS889831 also
provides the VREF_AC pin for proper offset level after the AC
couple. This example shows the ICS889831 input driven by a
2.5V LVPECL driver with AC couple. The ICS889831 outputs
are LVPECL driver. In this example, we assume the traces are
long transmission line and the receiver is high input impedance
without built-in matched load. An example of 3.3V LVPECL ter-
mination is shown in this schematic. Additional termination ap-
proaches are shown in the LVPECL Termination Application Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com