Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS889831 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS889831
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS889831 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS889831 Datasheet HTML 1Page - Integrated Circuit Systems ICS889831 Datasheet HTML 2Page - Integrated Circuit Systems ICS889831 Datasheet HTML 3Page - Integrated Circuit Systems ICS889831 Datasheet HTML 4Page - Integrated Circuit Systems ICS889831 Datasheet HTML 5Page - Integrated Circuit Systems ICS889831 Datasheet HTML 6Page - Integrated Circuit Systems ICS889831 Datasheet HTML 7Page - Integrated Circuit Systems ICS889831 Datasheet HTML 8Page - Integrated Circuit Systems ICS889831 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
889831AK
www.icst.com/products/hiperclocks.html
REV. A JUNE 16, 2005
3
Integrated
Circuit
Systems, Inc.
ICS889831
LOW SKEW, 1-TO-4
DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
TABLE 3A. CONTROL INPUT FUNCTION TABLE
TABLE 3B. TRUTH TABLE
t
u
p
n
Is
t
u
p
t
u
O
N
E3
Q
:
0
Q3
Q
n
:
0
Q
n
0W
O
L
;
d
e
l
b
a
s
i
DH
G
I
H
;
d
e
l
b
a
s
i
D
1d
e
l
b
a
n
Ed
e
l
b
a
n
E
d
e
l
b
a
n
e
r
o
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
e
h
t
,
s
e
h
c
t
i
w
s
N
E
r
e
t
f
A
n
i
n
w
o
h
s
s
a
e
g
d
e
k
c
o
l
c
t
u
p
n
i
g
n
il
l
a
f
a
g
n
i
w
o
ll
o
f
r
u
g
i
F
e
.
1
FIGURE 1. EN TIMING DIAGRAM
EN
nIN
IN
nQx
Qx
s
t
u
p
n
Is
t
u
p
t
u
O
N
IN
I
nN
E3
Q
:
0
Q3
Q
n
:
0
Q
n
01
1
0
1
10
1
1
0
XX
0
0 )
1
(
1 )
1
(
.
)
N
I
(
l
a
n
g
i
s
t
u
p
n
i
e
h
t
f
o
n
o
i
t
i
s
n
a
r
t
e
v
i
t
a
g
e
n
t
x
e
n
n
O
:
1
E
T
O
N
←
→ tPD
tS
tH
VOUT Swing
VCC/2
VCC/2
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com