Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3201848 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3201848
Description  Ferrules With Insulating Collar According to DIN 46228-4
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3201848 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3201848 Datasheet HTML 1Page - PHOENIX CONTACT 3201848 Datasheet HTML 2Page - PHOENIX CONTACT 3201848 Datasheet HTML 3Page - PHOENIX CONTACT 3201848 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AI…
103090s_en_01
4
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany • Phone: +49-(0) 5235-3-00
PHOENIX CONTACT • P.O.Box 4100 • Harrisburg • PA 17111-0100 • USA • Phone: +717-944-1300
www.phoenixcontact.com
3
Technical Data
Assortment Boxes
Description
Type
Order No.
Pcs./Pck.
Assortment box, red, color coding according to DIN
Comprises: 50 pcs. each of AI 0,5-8 WH, AI 2,5-8 BU,
100 pcs. each of AI 0,75-8 GY, AI 1-8 RD, AI 1,5-8 BK
AI-TWIN SORTI BOX RD
3202960
1
Assortment box, anthracite, color coding according to DIN
Comprises: 50 pcs. each of AI 4-10 GY, 20 pcs. each of AI 6-12 YE, AI 10-12 RD,
10 pcs. each of AI 16-12 BU
AI-TWIN SORTI BOX ANT
3202973
1
General Data
Material
Collar
Sleeve
Polypropylene PP (UL94 HB), heat resistant up to 105°C
E-CU, tin-plated surface



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com