Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3201848 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3201848
Description  Ferrules With Insulating Collar According to DIN 46228-4
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3201848 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3201848 Datasheet HTML 1Page - PHOENIX CONTACT 3201848 Datasheet HTML 2Page - PHOENIX CONTACT 3201848 Datasheet HTML 3Page - PHOENIX CONTACT 3201848 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AI…
103090s_en_01
PHOENIX CONTACT
2
2
Dimensions and Ordering Data
Ferrules With Insulating Collar According to DIN 46228-4
Cross
Section
l
1
l
2
d
1
s
1
d
2
s
2
Color
Color
Code
1
Type
Order
No.
Pcs./Pck.
0.14 mm
2
12.5 mm
8.0 mm
0.8 mm
0.15 mm
1.8 mm
0.25 mm
Gray
–
AI 0,14- 8 GY -1000
2
3203011
1000
0.25 mm
2
10.5 mm
6.0 mm
0.8 mm
0.15 mm
1.8 mm
0.25 mm
Blue
–
AI 0,25- 6 BU
2
3203040
100
0.25 mm
2
10.5 mm
6.0 mm
0.8 mm
0.15 mm
1.8 mm
0.25 mm
Yellow
–
AI 0,25- 6 YE
2
3203024
100
0.25 mm
2
12.5 mm
8.0 mm
0.8 mm
0.15 mm
1.8 mm
0.25 mm
Yellow
–
AI 0,25- 8 YE
2
3203037
100
0.34 mm
2
10.5 mm
6.0 mm
0.8 mm
0.15 mm
1.8 mm
0.25 mm
Turquoise
–
AI 0,34-6 TQ
2
3203053
100
0.34 mm
2
10.5 mm
8.0 mm
0.8 mm
0.15 mm
1.8 mm
0.25 mm
Turquoise
–
AI 0,34-8 TQ
2
3203066
100
0.5 mm
2
12.0 mm
6.0 mm
1.1 mm
0.15 mm
2.5 mm
0.3 mm
Orange
W
AI 0,5 - 6 OG
3201301
100
0.5 mm
2
12.0 mm
6.0 mm
1.1 mm
0.15 mm
2.5 mm
0.3 mm
White
DIN/NF
AI 0,5 - 6 WH
3200687
100
0.5 mm
2
14.0 mm
8.0 mm
1.1 mm
0.15 mm
2.5 mm
0.3 mm
Orange
W
AI 0,5 - 8 OG
3201123
100
0.5 mm
2
14.0 mm
8.0 mm
1.1 mm
0.15 mm
2.5 mm
0.3 mm
Orange
W
AI 0,5 - 8 OG-1000
3202902
1000
0.5 mm
2
14.0 mm
8.0 mm
1.1 mm
0.15 mm
2.5 mm
0.3 mm
White
DIN/NF
AI 0,5 - 8 WH
3200014
100
0.5 mm
2
14.0 mm
8.0 mm
1.1 mm
0.15 mm
2.5 mm
0.3 mm
White
DIN/NF
AI 0,5 - 8 WH -1000
3200881
1000
0.5 mm
2
16.0 mm
10.0 mm
1.1 mm
0.15 mm
2.5 mm
0.3 mm
White
DIN/NF
AI 0,5 -10 WH
3201275
100
0.5 mm
2
16.0 mm
10.0 mm
1.1 mm
0.15 mm
2.5 mm
0.3 mm
White
DIN/NF
AI 0,5 -10 WH-1000
3203105
1000
0.5 mm
2
18.0 mm
12.0 mm
1.1 mm
0.15 mm
2.5 mm
0.3 mm
White
DIN/NF
AI 0,5 -12 WH
2
3200506
100
0.75 mm
2
12.0 mm
6.0 mm
1.3 mm
0.15 mm
2.8 mm
0.3 mm
Gray
DIN
AI 0,75- 6 GY
3200690
100
0.75 mm
2
12.0 mm
6.0 mm
1.3 mm
0.15 mm
2.8 mm
0.3 mm
White
W
AI 0,75- 6 WH
3201314
100
0.75 mm
2
14.0 mm
8.0 mm
1.3 mm
0.15 mm
2.8 mm
0.3 mm
Blue
NF
AI 0,75- 8 BU
3200027
100
0.75 mm
2
14.0 mm
8.0 mm
1.3 mm
0.15 mm
2.8 mm
0.3 mm
Gray
DIN
AI 0,75- 8 GY
3200519
100
0.75 mm
2
14.0 mm
8.0 mm
1.3 mm
0.15 mm
2.8 mm
0.3 mm
Gray
DIN
AI 0,75- 8 GY -1000
3200894
1000
0.75 mm
2
14.0 mm
8.0 mm
1.3 mm
0.15 mm
2.8 mm
0.3 mm
White
W
AI 0,75- 8 WH
3201110
100
0.75 mm
2
16.0 mm
10.0 mm
1.3 mm
0.15 mm
2.8 mm
0.3 mm
Gray
DIN
AI 0,75-10 GY
3201288
100
0.75 mm
2
16.0 mm
10.0 mm
1.3 mm
0.15 mm
2.8 mm
0.3 mm
Gray
DIN
AI 0,75-10 GY-1000
3203118
1000
0.75 mm
2
18.0 mm
12.0 mm
1.3 mm
0.15 mm
2.8 mm
0.3 mm
Gray
DIN
AI 0,75-12 GY
3200849
100
1 mm
2
12.5 mm
6.0 mm
1.5 mm
0.15 mm
3.0 mm
0.3 mm
Red
DIN/NF
AI 1
- 6 RD
3200742
100
1 mm
2
12.5 mm
6.0 mm
1.5 mm
0.15 mm
3.0 mm
0.3 mm
Yellow
W
AI 1
- 6 YE
3201327
100
1 mm
2
14.5 mm
8.0 mm
1.5 mm
0.15 mm
3.0 mm
0.3 mm
Red
DIN/NF
AI 1
- 8 RD
3200030
100
1 mm
2
14.5 mm
8.0 mm
1.5 mm
0.15 mm
3.0 mm
0.3 mm
Red
DIN/NF
AI 1
- 8 RD -1000
3200904
1000
1 mm
2
14.5 mm
8.0 mm
1.5 mm
0.15 mm
3.0 mm
0.3 mm
Yellow
W
AI 1
- 8 YE
3201097
100
1 mm
2
14.5 mm
8.0 mm
1.5 mm
0.15 mm
3.0 mm
0.3 mm
Yellow
W
AI 1
- 8 YE-1000
3202915
1000
1 mm
2
16.5 mm
10.0 mm
1.5 mm
0.15 mm
3.0 mm
0.3 mm
Red
DIN/NF
AI 1
-10 RD
3200182
100
1 mm
2
16.5 mm
10.0 mm
1.5 mm
0.15 mm
3.0 mm
0.3 mm
Red
DIN/NF
AI 1
-10 RD-1000
3203121
1000
1 mm
2
18.5 mm
12.0 mm
1.5 mm
0.15 mm
3.0 mm
0.3 mm
Red
DIN/NF
AI 1
-12 RD
3200674
100
1.5 mm
2
12.5 mm
6.0 mm
1.8 mm
0.15 mm
3.4 mm
0.3 mm
Black
DIN/NF
AI 1,5 - 6 BK
2
3200755
100
1.5 mm
2
14.5 mm
8.0 mm
1.8 mm
0.15 mm
3.4 mm
0.3 mm
Black
DIN/NF
AI 1,5 - 8 BK
3200043
100
1.5 mm
2
14.5 mm
8.0 mm
1.8 mm
0.15 mm
3.4 mm
0.3 mm
Black
DIN/NF
AI 1,5 - 8 BK -1000
3200917
1000
1.5 mm
2
14.5 mm
8.0 mm
1.8 mm
0.15 mm
3.4 mm
0.3 mm
Red
W
AI 1,5 - 8 RD
3201136
100
1.5 mm
2
14.5 mm
8.0 mm
1.8 mm
0.15 mm
3.4 mm
0.3 mm
Red
W
AI 1,5 - 8 RD-1000
3202928
1000
1.5 mm
2
16.5 mm
10.0 mm
1.8 mm
0.15 mm
3.4 mm
0.3 mm
Black
DIN/NF
AI 1,5 -10 BK
3200195
100
1.5 mm
2
16.5 mm
10.0 mm
1.8 mm
0.15 mm
3.4 mm
0.3 mm
Black
DIN/NF
AI 1,5 -10 BK-1000
3203134
1000
1.5 mm
2
18.5 mm
12.0 mm
1.8 mm
0.15 mm
3.4 mm
0.3 mm
Black
DIN/NF
AI 1,5 -12 BK
3201482
100
1.5 mm
2
24.5 mm
18.0 mm
1.8 mm
0.15 mm
3.4 mm
0.3 mm
Black
DIN/NF
AI 1,5 -18 BK
3200056
100
2.5 mm
2
15.0 mm
8.0 mm
2.3 mm
0.15 mm
4.2 mm
0.3 mm
Blue
DIN/W
AI 2,5 - 8 BU
3200522
100
2.5 mm
2
15.0 mm
8.0 mm
2.3 mm
0.15 mm
4.2 mm
0.3 mm
Blue
DIN/W
AI 2,5 - 8 BU -1000
3200920
1000
2.5 mm
2
15.0 mm
8.0 mm
2.3 mm
0.15 mm
4.2 mm
0.3 mm
Gray
NF
AI 2,5 - 8 GY
3200069
100
2.5 mm
2
17.0 mm
10.0 mm
2.3 mm
0.15 mm
4.2 mm
0.3 mm
Blue
DIN/W
AI 2,5 -10 BU
2
3202533
100
2.5 mm
2
17.0 mm
10.0 mm
2.3 mm
0.15 mm
4.2 mm
0.3 mm
Blue
DIN/W
AI 2,5 -10 BU-1000
2
3203147
1000
2.5 mm
2
19.0 mm
12.0 mm
2.3 mm
0.15 mm
4.2 mm
0.3 mm
Blue
DIN/W
AI 2,5 -12 BU
3200962
100
2.5 mm
2
19.0 mm
12.0 mm
2.3 mm
0.15 mm
4.2 mm
0.3 mm
Gray
NF
AI 2,5 -12 GY
3200205
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com