Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2125CP Datasheet(PDF) 2 Page - Schneider Electric

Part # QO2125CP
Description  QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in, CP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2125CP Datasheet(HTML) 2 Page - Schneider Electric

  QO2125CP Datasheet HTML 1Page - Schneider Electric QO2125CP Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering and shipping details
Category
01343 - QO 2 POLE 70-125 AMP
Discount Schedule
CPQ
GTIN
00047569044007
Package weight(Lbs)
0.33 kg (0.73 lb(US))
Returnability
Yes
Country of origin
MX
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
No need of specific recycling operations
Halogen content performance
Halogen free product
QO2125CP is replaced by:
QO(B) Circuit Breakers QO2125
QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in
Qty 1
Reason for Substitution: End of life | Substitution date: 13 June 2019
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com