Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2125CP Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2125CP
Description  QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in, CP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2125CP Datasheet(HTML) 1 Page - Schneider Electric

  QO2125CP Datasheet HTML 1Page - Schneider Electric QO2125CP Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO2125CP
QO mini breaker, 125 A, 2 pole, 120/240 V, 10
kA, plug in, CP
Product availability : Stock - Normally stocked in distribution facility
Price** : 428.00 USD
Discontinued
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
125 A
Voltage Rating
120/240 V AC
120 V AC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Type of packing
Consumer packaging
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
Number of Panel Spaces
2
Wire Size
AWG 4...AWG 2/0 copper or aluminium
Tightening torque
44.25 lbf.in (5 N.m) 0.02…0.04 in² (10…25 mm²) AWG 8...AWG 2)
Height
88.90 mm (3.5 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 20, 2019
1


Similar Part No. - QO2125CP

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2125 SCHNEIDER-QO2125 Datasheet
120Kb / 3P
QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in
QO21251021 SCHNEIDER-QO21251021 Datasheet
147Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 6, 2019
QO21251042 SCHNEIDER-QO21251042 Datasheet
64Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
QO21251200 SCHNEIDER-QO21251200 Datasheet
129Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO21252100 SCHNEIDER-QO21252100 Datasheet
153Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
More results

Similar Description - QO2125CP

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2125 SCHNEIDER-QO2125 Datasheet
120Kb / 3P
QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in
QO220CP SCHNEIDER-QO220CP Datasheet
141Kb / 2P
QO mini breaker, 20 A, 2 pole, 120/240 V, 10 kA, plug in, CP
Dec 6, 2019
QO215CP SCHNEIDER-QO215CP Datasheet
141Kb / 2P
QO mini breaker, 15 A, 2 pole, 120/240 V, 10 kA, plug in, CP
Dec 6, 2019
QO260CP SCHNEIDER-QO260CP Datasheet
137Kb / 2P
QO mini breaker, 60 A, 2 pole, 120/240 V, 10 kA, plug in, CP
QO230CP SCHNEIDER-QO230CP Datasheet
149Kb / 2P
QO mini breaker, 30 A, 2 pole, 120/240 V, 10 kA, plug in, CP
Dec 6, 2019
QO270CP SCHNEIDER-QO270CP Datasheet
144Kb / 2P
QO mini breaker, 70 A, 2 pole, 120/240 V, 10 kA, plug in, CP
Dec 16, 2019
QO290CP SCHNEIDER-QO290CP Datasheet
147Kb / 2P
QO mini breaker, 90 A, 2 pole, 120/240 V, 10 kA, plug in, CP
Dec 16, 2019
QO225CP SCHNEIDER-QO225CP Datasheet
141Kb / 2P
QO mini breaker, 25 A, 2 pole, 120/240 V, 10 kA, plug in, CP
Dec 20, 2019
QO235CP SCHNEIDER-QO235CP Datasheet
137Kb / 2P
QO mini breaker, 35 A, 2 pole, 120/240 V, 10 kA, plug in, CP
Dec 20, 2019
QO245CP SCHNEIDER-QO245CP Datasheet
137Kb / 2P
QO mini breaker, 45 A, 2 pole, 120/240 V, 10 kA, plug in, CP
Dec 20, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com