Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T81SM6FT Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41T81SM6FT
Description  Serial Access Real-Time Clock with Alarms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81SM6FT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41T81SM6FT Datasheet HTML 12Page - STMicroelectronics M41T81SM6FT Datasheet HTML 13Page - STMicroelectronics M41T81SM6FT Datasheet HTML 14Page - STMicroelectronics M41T81SM6FT Datasheet HTML 15Page - STMicroelectronics M41T81SM6FT Datasheet HTML 16Page - STMicroelectronics M41T81SM6FT Datasheet HTML 17Page - STMicroelectronics M41T81SM6FT Datasheet HTML 18Page - STMicroelectronics M41T81SM6FT Datasheet HTML 19Page - STMicroelectronics M41T81SM6FT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
M41T81S
16/29
Table 3. Alarm Repeat Modes
Watchdog Timer
The watchdog timer can be used to detect an out-
of-control microprocessor. The user programs the
watchdog timer by setting the desired amount of
time-out into the Watchdog Register, address 09h.
Bits BMB4-BMB0 store a binary multiplier and the
two lower order bits RB1-RB0 select the resolu-
tion, where 00 = 1/16 second, 01 = 1/4 second,
10 = 1 second, and 11 = 4 seconds. The amount
of time-out is then determined to be the multiplica-
tion of the five-bit multiplier value with the resolu-
tion. (For example: writing 00001110 in the
Watchdog Register = 3*1, or 3 seconds). If the
processor does not reset the timer within the spec-
ified period, the M41T81S sets the WDF (Watch-
dog Flag) and generates a watchdog interrupt.
The watchdog timer can be reset by having the mi-
croprocessor perform a WRITE of the Watchdog
Register. The time-out period then starts over.
Should the watchdog timer time-out, a value of
00h needs to be written to the Watchdog Register
in order to clear the IRQ/FT/OUT/SQW pin. This
will also disable the watchdog function until it is
again programmed correctly. A READ of the Flags
Register will reset the Watchdog Flag (Bit D7;
Register 0Fh).
The watchdog function is automatically disabled
upon power-up and the Watchdog Register is
cleared. If the watchdog function is set, the fre-
quency test function is activated, and the SQWE
Bit is '0,' the watchdog function prevails and the
frequency test function is denied.
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm Setting
1
1
1
1
1
Once per Second
1
1
1
1
0
Once per Minute
1
1
1
0
0
Once per Hour
1
1
000
Once per Day
1
0
0
0
0
Once per Month
0
0
000
Once per Year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com