Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T81SM6FT Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41T81SM6FT
Description  Serial Access Real-Time Clock with Alarms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81SM6FT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41T81SM6FT Datasheet HTML 14Page - STMicroelectronics M41T81SM6FT Datasheet HTML 15Page - STMicroelectronics M41T81SM6FT Datasheet HTML 16Page - STMicroelectronics M41T81SM6FT Datasheet HTML 17Page - STMicroelectronics M41T81SM6FT Datasheet HTML 18Page - STMicroelectronics M41T81SM6FT Datasheet HTML 19Page - STMicroelectronics M41T81SM6FT Datasheet HTML 20Page - STMicroelectronics M41T81SM6FT Datasheet HTML 21Page - STMicroelectronics M41T81SM6FT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
M41T81S
18/29
Century Bit
Bits D7 and D6 of Clock Register 03h contain the
CENTURY ENABLE Bit (CEB) and the CENTURY
Bit (CB). Setting CEB to a '1' will cause CB to tog-
gle, either from a '0' to '1' or from '1' to '0' at the turn
of the century (depending upon its initial state). If
CEB is set to a '0,' CB will not toggle.
Battery Low Warning
The M41T81S automatically performs battery volt-
age monitoring upon power-up and at factory-pro-
grammed time intervals of approximately 24
hours. The Battery Low (BL) Bit, Bit D4 of Flags
Register 0Fh, will be asserted if the battery voltage
is found to be less than approximately 2.5V. The
BL Bit will remain asserted until completion of bat-
tery replacement and subsequent battery low
monitoring tests, either during the next power-up
sequence or the next scheduled 24-hour interval.
If a battery low is generated during a power-up se-
quence, this indicates that the battery is below ap-
proximately 2.5 volts and may not be able to
maintain data integrity. Clock data should be con-
sidered suspect and verified as correct. A fresh
battery should be installed.
If a battery low indication is generated during the
24-hour interval check, this indicates that the bat-
tery is near end of life. However, data is not com-
promised due to the fact that a nominal VCC is
supplied. In order to insure data integrity during
subsequent periods of battery back-up mode, the
battery should be replaced.
The M41T81S only monitors the battery when a
nominal VCC is applied to the device. Thus appli-
cations which require extensive durations in the
battery back-up mode should be powered-up peri-
odically (at least once every few months) in order
for this technique to be beneficial. Additionally, if a
battery low is indicated, data integrity should be
verified upon power-up via a checksum or other
technique.
Oscillator Fail Detection
If the Oscillator Fail Bit (OF) is internally set to '1,'
this indicates that the oscillator has either stopped,
or was stopped for some period of time and can be
used to judge the validity of the clock and date da-
ta.
In the event the OF Bit is found to be set to '1' at
any time other than the initial power-up, the STOP
Bit (ST) should be written to a '1,' then immediately
reset to '0.' This will restart the oscillator.
The following conditions can cause the OF Bit to
be set:
–
The first time power is applied (defaults to a '1'
on power-up).
–
The voltage present on VCC is insufficient to
support oscillation.
–
The ST Bit is set to '1.'
–
External interference of the crystal.
The OF Bit will remain set to '1' until written to logic
'0.' The oscillator must start and have run for at
least 4 seconds before attempting to reset the OF
Bit to '0.'
Oscillator Fail Interrupt Enable
If the Oscillator Fail Interrupt Bit (OFIE) is set to a
'1,' the IRQ pin will also be activated. The IRQ out-
put is cleared by resetting the OFIE or OF Bit to '0'
(not be reading the Flags Register).
Output Driver Pin
When the FT Bit, AFE Bit, SQWE Bit, and Watch-
dog Register are not set, the IRQ/FT/OUT/SQW
pin becomes an output driver that reflects the con-
tents of D7 of the Calibration Register. In other
words, when D7 (OUT Bit) and D6 (FT Bit) of ad-
dress location 08h are a '0,' then the IRQ/FT/OUT/
SQW pin will be driven low.
Note: The IRQ/FT/OUT/SQW pin is an open drain
which requires an external pull-up resistor.
Preferred Initial Power-on Default
Upon initial application of power to the device, the
following register bits are set to a '0' state: Watch-
dog Register; AFE; ABE; SQWE; OFIE; and FT.
The following bits are set to a '1' state: ST; OUT;
OF; and HT (see Table 5., page 18).
Table 5. Preferred Default Values
Note: 1. BMB0-BMB4, RB0, RB1.
2. State of other control bits undefined.
3. UC = Unchanged
Condition
ST
HT
Out
FT
AFE
SQWE
ABE
WATCHDOG
Register(1)
OF
OFIE
Initial Power-up(2)
1
1100
0
0
0
1
0
Subsequent Power-up
(with battery back-up)(3)
UC
1
UC
0
UC
UC
UC
0
UC
UC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com