Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2280310 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2280310
Description  Interface module - DFLK-D25 SUB/S
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2280310 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2280310 Datasheet HTML 1Page - PHOENIX CONTACT 2280310 Datasheet HTML 2Page - PHOENIX CONTACT 2280310 Datasheet HTML 3Page - PHOENIX CONTACT 2280310 Datasheet HTML 4Page - PHOENIX CONTACT 2280310 Datasheet HTML 5Page - PHOENIX CONTACT 2280310 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2280310
12/18/2019   Page 1 / 6
Interface module - DFLK-D25 SUB/S - 2280310
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
The VARIOFACE feed-through module implements a 1:1 connection between screw connection terminal
blocks and a D-SUB miniature pin strip (number of positions: 25). A separate ground tap is available.
Your advantages
 9 to 50-pos.
 9 to 37-pos.: separate ground tap
 50-pos.: no ground tap
 According to IEC 60807-2
 1:1 connection
 D-SUB 4-40 UNC thread
 Screw connection
Key Commercial Data
Packing unit
5 pc
GTIN
GTIN
4017918054427
Technical data
Dimensions
Width
40 mm
Height
83.5 mm
Depth
33.5 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Degree of protection
IP20
General
Nominal voltage UN
25 V AC


Similar Part No. - 2280310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2280307 PHOENIX-2280307 Datasheet
101Kb / 6P
Interface module - DFLK-D15 SUB/B
2280323 PHOENIX-2280323 Datasheet
101Kb / 6P
Interface module - DFLK-D25 SUB/B
2280336 PHOENIX-2280336 Datasheet
100Kb / 6P
Interface module - DFLK-D37 SUB/S
2280349 PHOENIX-2280349 Datasheet
101Kb / 6P
Interface module - DFLK-D37 SUB/B
More results

Similar Description - 2280310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2903055 PHOENIX-2903055 Datasheet
82Kb / 4P
Interface module - DFLK-D25 SUB/M/FKCT
2280297 PHOENIX-2280297 Datasheet
102Kb / 6P
Interface module - DFLK-D15 SUB/S
2280323 PHOENIX-2280323 Datasheet
101Kb / 6P
Interface module - DFLK-D25 SUB/B
2280336 PHOENIX-2280336 Datasheet
100Kb / 6P
Interface module - DFLK-D37 SUB/S
2283870 PHOENIX-2283870 Datasheet
102Kb / 6P
Interface module - DFLK-D 9 SUB/S
2291286 PHOENIX-2291286 Datasheet
101Kb / 6P
Interface module - DFLK-D50 SUB/S
2281144 PHOENIX-2281144 Datasheet
72Kb / 7P
Interface module - FLKM-D25 SUB/S
2281649 PHOENIX-2281649 Datasheet
123Kb / 4P
Interface module - FLKM-D25 SUB/S/LA
2283621 PHOENIX-2283621 Datasheet
145Kb / 8P
Interface module - FLK-D25 SUB/S
2903067 PHOENIX-2903067 Datasheet
129Kb / 10P
Interface module - DFLK-D25 SUB/F/FKCT
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com