Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2280310 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2280310
Description  Interface module - DFLK-D25 SUB/S
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2280310 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2280310 Datasheet HTML 1Page - PHOENIX CONTACT 2280310 Datasheet HTML 2Page - PHOENIX CONTACT 2280310 Datasheet HTML 3Page - PHOENIX CONTACT 2280310 Datasheet HTML 4Page - PHOENIX CONTACT 2280310 Datasheet HTML 5Page - PHOENIX CONTACT 2280310 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2280310
12/18/2019   Page 2 / 6
Interface module - DFLK-D25 SUB/S - 2280310
Technical data
General
60 V DC
Max. perm. current (per branch)
2.5 A
Max. permissible current (all branches)
50 A
Number of positions
25
Mounting position
any
Assembly instructions
In rows with zero spacing
Connection data
Connection name
Field level
Connection in acc. with standard
IEC / EN 
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid
0.2 mm² ... 4 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 12
Connection data 2
Connection name
Controller level
Connection method
D-SUB pin strip
Number of positions
25
Standards and Regulations
Connection in acc. with standard
CUL
Standards/regulations
IEC 60664
DIN EN 50178
Rated insulation voltage
125 V
Rated surge voltage
1.2 kV (Functional insulation)
Pollution degree
2
Overvoltage category
II
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com