Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM123NSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM123NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM123NSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM123NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM123NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM123NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM123NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM123NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM123NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PJM123NSA
N- Enhancement Mode Field Effect Transistor
2 /
6
Electrical Characteristics
(TA=25
℃, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static Parameters
Drain-Source Breakdown Voltage
V(BR)DSS VGS = 0V, ID = 250μA
100
-
-
V
Gate Leakage Current
IGSS
VDS = 0V, VGS = ±20V
-
-
±10
μA
Zero Gate Voltage Drain Current
IDSS
VDS =100V, VGS = 0V
-
-
1
μA
Gate Threshold Voltage Note2
VGS(th)
VDS = VGS, ID =
250μA
1
-
3
V
Drain-Source On-Resistance Note2
RDS(ON)
VGS = 10V, ID =0.17A
-
3.5
6
Ω
VGS = 4.5V, ID =0.17A
-
3.8
10
Ω
Forward transconductance Note2
gfs
VDS = 10V, ID = 0.17A
80
-
-
mS
Dynamic Parameters
Input Capacitance
Ciss
VDS = 25V,
VGS = 0V,
f = 1MHz
-
29
60
pF
Output Capacitance
Coss
-
10
15
Reverse Transfer Capacitance
Crss
-
2
6
Switching Parameters
Turn-On Delay Time
td(on)
VDD=30V, VGS=10V
RGEN=50
Ω, ID=0.28A
-
-
8
ns
Turn-On Rise Time
tr
-
-
8
Turn-Off Delay Time
td(off)
-
-
13
Turn-Off Fall Time
tf
-
-
16
Total Gate Charge
Qg
VDS=10V,VGS=10V,ID=0.22A
-
1.4
2
nC
Gate-Source Charge
Qgs
-
0.15
0.25
Gate-Drain Charge
Qgd
-
0.2
0.4
Drain-source Diode Parameters
Source-Drain Diode Current
IS
-
-
0.17
A
Forward Diode Voltage
VSD
VGS = 0V, IS = 0.34A
-
-
1.3
V
Notes:1. Surface mounted on FR4 board using the minimum recommended pad size.
2. Pulse Test: Pulse width=300
μs, duty cycle≤2%.
www.pingjingsemi.com
Revision:1.
1 Jan-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com